Electronic Components Datasheet Search
  English  ▼

X  

P568035 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P568035
Description  High Speed HDMI Cable, Digital Video with Audio (M-M), 35-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P568035 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P568035 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P568035 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Speed HDMI Cable, Digital Video with Audio
(M/M), 35-ft.
MODEL NUMBER: P568-035
Description
Tripp Lite's 35-ft. High Speed HDMI (High-Definition Multimedia Interface) Gold Cable allows interconnection
between digital display devices, such as DTV's (Digital Television), Plasma displays, LCD TV's and projectors, to
Digital source devices, such as Digital Set-Top boxes, Blu-Ray players and AV receivers. Supports iPad2 Video
Mirroring when used with Apple Digital AV Adapter. HDMI assures that the best audio/video signal is always sent
from the source (HDTV signal, Blu-Ray Player) to the display (Projection Television, LCD, Plasma, etc.). It does
this by allowing uncompressed video and multi-channel audio data to be input to the display device through one single cable. An HDMI connection allows
input at high rates of speed, up to 10.2 Gbps.
Features
Creates a pure digital connection between HDMI-enabled HDTV display devices and HDMI-enabled digital video sources
Supports iPad2 Video Mirroring when used with Apple Digital AV Adapter
Gold-plated connectors provide optimal signal transfer
Premium double-shielded cable protects against outside noise (EMI/RFI)
Impedance-matched twisted-pair construction reduces cross-talk and interference
Bandwidth up to 10.2 Gbps - Full 1080p resolution
Perfect for connecting an iPad2 to an HDTV (video mirroring) to watch movies, play games, surf the web and display presentations ( when used with iPad
to HDMI adapter )
Supports Ultra High Definition (UHD) 4Kx2K video resolutions up to 3840 x 2160
Specifications
General Info
RoHS
Y
Highlights
35ft, Premium double-shielded
digital audio/video cable
Supports iPad2 Video Mirroring
when used with Apple Digital AV
Adapter
Gold-plated connectors provide
optimal signal transfer
Bandwidth up to 10.2 Gbps - Full
1080p resolution
High Speed HDMI and HDCP
compliant
Supports Ultra High Definition
(UHD) 4Kx2K video resolutions
up to 3840 x 2160
System Requirements
HDMI Video Source
HDMI Video Display
Package Includes
35-ft. High Speed HDMI Gold
Cable
1 / 2


Similar Part No. - P568035

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P568003 TRIPPLITE-P568003 Datasheet
483Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 3-ft
P568003FL TRIPPLITE-P568003FL Datasheet
482Kb / 2P
High Speed HDMI Flat Cable, Digital Video with Audio (M-M), 3-ft
P568003SW TRIPPLITE-P568003SW Datasheet
500Kb / 2P
High Speed HDMI Cable with Swivel Connectors,Digital Video with Audio (M/M), 3-ft
P568003WH TRIPPLITE-P568003WH Datasheet
487Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), White, 3-ft
P568006 TRIPPLITE-P568006 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), Black, 6-ft
More results

Similar Description - P568035

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P568-003 TRIPPLITE-P568-003 Datasheet
491Kb / 4P
High Speed HDMI Cable, Digital Video with Audio (M/M) 3-ft
P568-006 TRIPPLITE-P568-006 Datasheet
490Kb / 4P
High Speed HDMI Cable, Digital Video with Audio (M/M) 6-ft
P568003 TRIPPLITE-P568003 Datasheet
483Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 3-ft
P568010 TRIPPLITE-P568010 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 10-ft
P568012 TRIPPLITE-P568012 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 12-ft
P568016 TRIPPLITE-P568016 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 16-ft
P568025 TRIPPLITE-P568025 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 25-ft
P568050 TRIPPLITE-P568050 Datasheet
483Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 50-ft
P568100 TRIPPLITE-P568100 Datasheet
483Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 100-ft
P568-035 TRIPPLITE-P568-035 Datasheet
157Kb / 2P
High Speed HDMI Cable, HD 1080p, Digital Video with Audio (M/M), Black, 35-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com