Electronic Components Datasheet Search
  English  ▼

X  

P572006 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P572006
Description  High Speed Mini-HDMI Cable, Digital Video with Audio (M-M), 6-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P572006 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P572006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P572006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Speed Mini-HDMI Cable, Digital Video with
Audio (M/M), 6-ft.
MODEL NUMBER: P572-006
Description
Tripp Lite's 6ft Mini-HDMI to Mini-HDMI cable allows you to connect Digital Cameras, Camcorders, and other digital devices to an HDTV with a mini-HDMI
connector, or two devices utilizing Mini-HDMI. Cable is HDMI 1.3 compliant, which increases the current HDMI standard's bandwidth from 165 MHz, or about
4.95 gigabits per second, to 340 MHz, or about 10.2 gigabits per second. This means you get a more consistent, clean audio and video signal from point A to
point B. 24K gold-plated connectors ensure the ultimate in error free signal transfer. RoHS compliant and
Features
6ft, Mini-HDMI to Mini-HDMI
HDMI 1.3 Compliant
24K Gold Connectors
RoHS Compliant
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Style
HDMI
Model Type
HDMI
Cable Types
HDMI
Highlights
Premium double shielded digital
video cable
24K gold-plated connectors
provide optimal signal transfer
HDMI 1.3 Compliant - 10.2Gbps
Applications
HDTV to mini-HDMI enable
Digital Cameras, Camcorders, etc
Package Includes
6ft mini-HDMI to mini-HDMI Cable
1 / 2


Similar Part No. - P572006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P572-006 TRIPPLITE-P572-006 Datasheet
155Kb / 2P
High Speed Mini-HDMI Cable, Digital Video with Audio (M/M), 6-ft.
More results

Similar Description - P572006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P568-003 TRIPPLITE-P568-003 Datasheet
491Kb / 4P
High Speed HDMI Cable, Digital Video with Audio (M/M) 3-ft
P568-006 TRIPPLITE-P568-006 Datasheet
490Kb / 4P
High Speed HDMI Cable, Digital Video with Audio (M/M) 6-ft
P568006 TRIPPLITE-P568006 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), Black, 6-ft
P568006FL TRIPPLITE-P568006FL Datasheet
481Kb / 2P
High Speed HDMI Flat Cable, Digital Video with Audio (M-M), 6-ft
P568006WH TRIPPLITE-P568006WH Datasheet
486Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), White, 6-ft
P568010 TRIPPLITE-P568010 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 10-ft
P568012 TRIPPLITE-P568012 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 12-ft
P568025 TRIPPLITE-P568025 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 25-ft
P569006 TRIPPLITE-P569006 Datasheet
483Kb / 2P
High Speed HDMI Cable with Ethernet, Digital Video with Audio (M-M), 6-ft
P572-006 TRIPPLITE-P572-006 Datasheet
155Kb / 2P
High Speed Mini-HDMI Cable, Digital Video with Audio (M/M), 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com