Electronic Components Datasheet Search
  English  ▼

X  

P580025 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P580025
Description  DisplayPort Cable with Latches (M/M) 25-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P580025 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P580025 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P580025 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DisplayPort Cable with Latches (M/M) 25-ft.
MODEL NUMBER: P580-025
Description
DisplayPort is a new digital display interface standard put forth by the Video Electronics Standards Association (VESA). It defines a digital audio/video
interconnect intended to be used between computer and display monitors, or computers and home theater systems. Similar to HDMI, in that it supports both
Digital Video/Audio signals, DisplayPort is geared more toward the computer market, where HDMI dominates the Home Theater market. Tripp Lite's
DisplayPort cables support a maximum bandwidth of 10.8Gbps, as well as DPCP ( DisplayPort Content Protection) , HDCP, and resolutions up to 1080p.
Features
The future standard for Digital Video and Audio connections
Supports Displayport v1.2
Provides up to 1080p resolution
Monitor Resolution Support: 2560x1600 @ 60Hz, 1920x1200 @ 120Hz
Supports High Definition Content Protection ( HDCP )
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Style
DisplayPort Cables
Model Type
DisplayPort
Cable Types
DISPLAYPORT
INPUT
Highlights
Digital Video and Audio in one
cable
Supports 1080p resolution
Small footprint compared to VGA
or DVI
Package Includes
DisplayPort Monitor Cable - 25ft
1 / 2


Similar Part No. - P580025

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P580020 TRIPPLITE-P580020 Datasheet
483Kb / 2P
DisplayPort Cable with Latches (M/M) 20-ft
More results

Similar Description - P580025

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P580010 TRIPPLITE-P580010 Datasheet
483Kb / 2P
DisplayPort Cable with Latches (M-M), 10-ft
P580015 TRIPPLITE-P580015 Datasheet
483Kb / 2P
DisplayPort Cable with Latches (M/M), 15-ft
P580020 TRIPPLITE-P580020 Datasheet
483Kb / 2P
DisplayPort Cable with Latches (M/M) 20-ft
P580050 TRIPPLITE-P580050 Datasheet
483Kb / 2P
DisplayPort Cable with Latches (M-M) 50-ft
P580100 TRIPPLITE-P580100 Datasheet
484Kb / 2P
DisplayPort Cable with Latches (M-M) 100-ft.
P580-030 TRIPPLITE-P580-030 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M) 30-ft.
P580-050 TRIPPLITE-P580-050 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M) 50-ft.
P580-100 TRIPPLITE-P580-100 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M) 100-ft.
P580-050 TRIPPLITE-P580-050_V01 Datasheet
35Kb / 2P
DisplayPort Cable with Latches (M/M) 50 ft. (15.24 m)
P580-100 TRIPPLITE-P580-100_V01 Datasheet
35Kb / 2P
DisplayPort Cable with Latches (M/M) 100 ft. (30.5 m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com