Electronic Components Datasheet Search
  English  ▼

X  

2921 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2921
Description  118 MHz Cuttoff Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2921 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2921 Datasheet HTML 1Page - KR Electronics, Inc. 2921 Datasheet HTML 2Page - KR Electronics, Inc. 2921 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2921, Rev 0, July 6, 2009
KR Electronics
KR Electronics part number 2921 is a 118 MHz elliptic lowpass
filter. Other bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 118 MHz Cuttoff Frequency
 Sharp Transition to Stopband
 >40 dB Stopband Attenuation
 50  Source and Load
 TNC Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2921

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
2921 BURKERT-2921 Datasheet
976Kb / 15P
Manually operated 2/2-way globe valve
15.01.2024
2921 BURKERT-2921 Datasheet
837Kb / 14P
Manually operated 2/2-way angle seat valve
15.01.2024
2921 BURKERT-2921 Datasheet
1,009Kb / 17P
Manually operated 2-way globe control valve
18.03.2024
logo
Amphenol Corporation
2921-00037 AMPHENOL-2921-00037 Datasheet
106Kb / 1P
SMA FEMALE FIXTURELESS SNAP-IN EDGE LAUNCH FOR .062" PCB
logo
Amphenol SV Microwave
2921-00037 SVMICROWAVE-2921-00037 Datasheet
528Kb / 1P
SMA FEMALE FIXTURELESS SNAP-IN EDGE LAUNCH FOR .062" PCB
01/20
More results

Similar Description - 2921

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2923 KR-2923 Datasheet
51Kb / 3P
110 MHz Cuttoff Frequency
2922 KR-2922 Datasheet
51Kb / 3P
114 MHz Cuttoff Frequency
2912 KR-2912 Datasheet
43Kb / 2P
45 MHz Cuttoff Frequency
2929 KR-2929 Datasheet
47Kb / 2P
1 MHz Cuttoff Frquency
2928-1 KR-2928-1 Datasheet
46Kb / 2P
100 KHz Cuttoff Frquency
2391A-6-50 KR-2391A-6-50 Datasheet
35Kb / 2P
6 MHz Cuttoff Frquency
2391A-16-50 KR-2391A-16-50 Datasheet
35Kb / 2P
16 MHz Cuttoff Frquency
2391B-9-50 KR-2391B-9-50 Datasheet
45Kb / 2P
9 MHz Cuttoff Frquency
2391B-18-50 KR-2391B-18-50 Datasheet
47Kb / 2P
18 MHz Cuttoff Frquency
2923-SMA KR-2923-SMA Datasheet
98Kb / 3P
110 MHz Cuttoff Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com