Electronic Components Datasheet Search
  English  ▼

X  

2924 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2924
Description  70 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2924 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2924 Datasheet HTML 1Page - KR Electronics, Inc. 2924 Datasheet HTML 2Page - KR Electronics, Inc. 2924 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2924+, Rev 0, July 8, 2009
KR Electronics
KR Electronics part number 2924+ is a 70 MHz elliptic type
bandpass filter. The filter is group delay and amplitude equalized
with a minimum 1 dB bandwidth of 31 MHz. Other center fre-
quencies and bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 70 MHz Center Frequency
 31 MHz min 1 dB Bandwidth
 Group Delay Equalized for Linear
Phase
 50  Source and Load
 Surface Mount
 Also available with SMA connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2924

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2924+ KR-2924+ Datasheet
102Kb / 3P
70 MHz Center Frequency
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
logo
PHOENIX CONTACT
2924016 PHOENIX-2924016 Datasheet
389Kb / 15P
Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-ISP
02/04/2022
2924029 PHOENIX-2924029 Datasheet
512Kb / 13P
MACX MCR-EX-SL-RPSSI-I-UP-SP - Repeater power supply
2924045 PHOENIX-2924045 Datasheet
426Kb / 12P
Intrinsically safe NAMUR isolating amplifier with relay output
More results

Similar Description - 2924

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2925 KR-2925 Datasheet
101Kb / 3P
70 MHz Center Frequency
2871-SMA KR-2871-SMA Datasheet
49Kb / 2P
70 MHz Center Frequency
2866-SMA KR-2866-SMA Datasheet
37Kb / 2P
70 MHz Center Frequency
2657-N KR-2657-N Datasheet
40Kb / 2P
70 MHz Center Frequency
2972 KR-2972 Datasheet
53Kb / 3P
70 MHz Center Frequency
2993 KR-2993 Datasheet
66Kb / 3P
70 MHz Center Frequency
2997 KR-2997 Datasheet
75Kb / 3P
70 MHz Center Frequency
3011 KR-3011 Datasheet
62Kb / 3P
70 MHz Center Frequency
2924+ KR-2924+ Datasheet
102Kb / 3P
70 MHz Center Frequency
2925+ KR-2925+ Datasheet
101Kb / 3P
70 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com