Electronic Components Datasheet Search
  English  ▼

X  

2882 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2882
Description  60 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2882 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2882 Datasheet HTML 1Page - KR Electronics, Inc. 2882 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2008, KR Electronics, Inc.
Parameter
Specification
Filter type
Bandpass
Insertion Loss
< 2 dB (<1 dB typical)
Attenuation at 50 MHz & 70 MHz
< 1 dB (< 0.5 dB typical)
Attenuation at 30 MHz & 90 MHz
> 50 dB
Source and Load
50
Center Frequency
60 MHz
KR Electronics 2882
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Surface mount package — Metal cover, open frame
2.
Dimensions in inches
3.
Maximum reflow temperature 209° C for 10 seconds maximum
4.
If boards are cleaned after installation, units must be completely dried



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com