Electronic Components Datasheet Search
  English  ▼

X  

RGA Datasheet(PDF) 2 Page - Surge Components

Part # RGA
Description  rohs compliance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

RGA Datasheet(HTML) 2 Page - Surge Components

  RGA Datasheet HTML 1Page - Surge Components RGA Datasheet HTML 2Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Aluminum Electrolytic Capacitors
All product specifications in the catalog are subject to change without notice. (CAT. 2014E1)
81
Dimension: φD × L(mm)
Dimension & Permissible Ripple Current
Ripple Current: mA/rms at 120 Hz, 105℃
V. DC
6.3V (0J)
10V (1A)
16V (1C)
25V (1E)
35V (1V)
50V (1H)
63V (1J)
100V (2A)
μF
Contents φD×L
mA
φ
D×L
mA
φ
D×L
mA
φ
D×L
mA
φ
D×L
mA
φ
D×L
mA
φ
D×L
mA
φ
D×L
mA
2.2
2R2
5×11
20
5×11
30
3.3
3R3
5×11
30
5×11
31
4.7
4R7
5×11
33
5×11
36
10
100
5×11
50
6.3×11
54
22
220
5×11
78
6.3×11
86
6.3×11
8×11.5
93
99
33
330
5×11
75
5×11
90
6.3×11
100
8×11.5
130
47
470
5×11
97
5×11
90
6.3×11
120
6.3×11
8×11.5
130
141
10×12.5
165
100
101
5×11
110
6.3×11
142
6.3×11
150
8×11.5
188
10×12.5
235
10×20
12.5×16
265
290
220
221
5×11
140
6.3×11
175
6.3×11
190
8×11.5
236
8×11.5
270
10×12.5
300
10×16
335
12.5×25
16×16
440
420
330
331
6.3×11
200
8×11.5
270
8×11.5
10×12.5
310
335
10×12.5
350
10×16
410
10×20
12.5×16
510
460
16×25
620
470
471
6.3×11
230
8×11.5
290
8×11.5
310
10×12.5
380
10×16
460
10×20
12.5×16
530
425
12.5×20
16×16
640
665
16×31.5
18×25
715
745
1,000
102
8×11.5
380
10×12.5
460
10×16
560
10×20
12.5×16
680
590
12.5×20
16×16
810
720
12.5×25
16×20
950
830
16×25
930
18×40
1,275
2,200
222
10×16
690
10×20
760
12.5×16
780
12.5×25 1,110
16×25
18×20
1,260
1,110
16×35.5
18×31.5
1,470
1,520
18×40
2,280
25×45
2,400
3,300
332
10×20
12.5×16
840
850
12.5×20
16×16
1,100
940
12.5×25
16×16
1,170
950
16×25
18×20
1,440
1,220
16×31.5
18×25
1,420
1,570
18×35.5 1,770
22×40
2,510
4,700
472
12.5×20
16×16
1,090
1,010
12.5×25
16×16
1,260
1,060
16×20
18×16
1,185
1,290
16×31.5
18×25
1,650
1,550
18×35.5 1,900
22×40
2,340
25×40
3,000
6,800
682
12.5×25
16×20
1,460
1,190
16×20
1,270
16×31.5
18×20
1,930
1,585
16×40
18×35.5
2,000
2,160
18×40
2,250
25×40
2,530
10,000
103
16×20
1,340
16×31.5
18×25
2,220
1,800
16×35.5
18×31.5
2,210
2,330
22×40
18×45
2,720
2,410
15,000
153
16×31.5
18×25
2,365
2,290
18×31.5
16×35.5
2,620
2,590
18×40
2,950
25×40
3,200
22,000
223
16×40
18×35.5
2,800
2,930
18×40
3,230
22×40
3,460
33,000
333
18×45
3,080
22×40
4,090
25×45
4,500
V. DC
160V (2C)
200V (2D)
250V (2E)
350V (2V)
400V (2G)
450V (2W)
μF
Contents
φ
D×L
mA
φ
D×L
mA
φ
D×L
mA
φ
D×L
mA
φ
D×L
mA
φ
D×L
mA
1
010
6.3×11
21
8×11.5
27
2.2
2R2
6.3×11
30
6.3×11
35
6.3×11
35
8×11.5
39
8×11.5
39
3.3
3R3
6.3×11
39
6.3×11
40
8×11.5
43
8×11.5
45
8×11.5
45
4.7
4R7
6.3×11
43
8×11.5
45
8×11.5
10×12.5
45
55
8×11.5
10×12.5
50
55
8×11.5
10×12.5
50
55
10
100
8×11.5
65
8×11.5
65
10×12.5
92
10×16
95
10×16
95
10×20
105
22
220
10×12.5
110
10×16
140
10×16
140
12.5×20
220
12.5×20
160
12.5×20
160
33
330
10×16
150
10×20
170
12.5×16
175
12.5×25
16×16
215
205
16×20
225
16×20
18×16
225
220
47
470
10×20
195
12.5×16
215
12.5×20
16×16
230
245
16×20
255
16×25
295
16×25
18×20
280
285
68
680
12.5×20
275
12.5×20
16×16
265
290
16×20
320
18×25
16×31.5
360
370
18×25
16×31.5
360
375
16×35.5
18×31.5
400
420
100
101
12.5×25
355
16×20
18×16
365
360
16×25
18×20
425
415
18×31.5
16×35.5
460
430
18×35.5
540
18×40
560
150
151
16×25
470
18×20
510
16×31.5
18×25
550
535
18×40
600
22×40
730
22×40
770
220
221
16×31.5
660
18×31.5
750
18×35.5
760
25×40
22×45
865
850
22×45
930
330
331
18×35.5
820
18×40
965
22×40
1,140
25×45
1,070
470
330
22×40
1,130
22×40
1,130
25×40
1,325
Part Numbering System
RGA series
470μF
±20%
6.3V
Bulk Package
Gas Type
6.3φ×11L
Pb-free and PET
coating case
RGA
471
M
0J
BK
-
0611
Series
Capacitance
Capacitance
Tolerance
Rated
Voltage
Lead Configuration
& Package
Rubber
Type
Case Size
Lead Wire and
Coating Type
Note: For more details, please refer to “Part Numbering System (Radial Type)” on page 10.
RGA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com