Electronic Components Datasheet Search
  English  ▼

X  

UPD16804 Datasheet(PDF) 2 Page - NEC

Part # UPD16804
Description  MONOLITHIC H BRIDGE DRIVER CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16804 Datasheet(HTML) 2 Page - NEC

  UPD16804 Datasheet HTML 1Page - NEC UPD16804 Datasheet HTML 2Page - NEC UPD16804 Datasheet HTML 3Page - NEC UPD16804 Datasheet HTML 4Page - NEC UPD16804 Datasheet HTML 5Page - NEC UPD16804 Datasheet HTML 6Page - NEC UPD16804 Datasheet HTML 7Page - NEC UPD16804 Datasheet HTML 8Page - NEC UPD16804 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
µPD16804
2
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage
VDD
–0.5 to +6.5/+8.0Note
V
VM
–0.5 to +6.5/+8.0Note
VG pin applied voltage
VG
15
V
Input voltage
VIN
–0.5 to VDD + 0.5
V
H bridge drive current
IDR1
DC
0.5
A
IDR2
PW
≤ 200 ms (single pulse)
3.0
A
Power consumption
PT
TA = 25
°C
1.0
W
Operating temperature range
TA
–30 to +60
°C
Operating junction temperature
TJ (MAX)
150
°C
Storage temperature range
Tstg
–55 to +150
°C
Note VDD when the charge pump is used/VDD and VM when VG is supplied from an external source
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Ratings
Unit
MIN.
TYP.
MAX.
Supply voltage
VDD
During normal operation
3.0
6.0/7.5Note 2
V
All input pins are low
2.5
VM
0.5
7.5
V
Charge pump capacitance
C1 to C3
10
nF
VG pin applied voltage Note 1
VG
11
14
V
Operating temperature
TA
Ambient temperature
–30
60
°C
Notes 1. When a voltage is applied from an external source to the VG pin
2. When the charge pump is used/when VG is supplied from an external source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com