Electronic Components Datasheet Search
  English  ▼

X  

IRFY044CM Datasheet(PDF) 2 Page - International Rectifier

Part # IRFY044CM
Description  POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.040ohm, Id=16A*)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFY044CM Datasheet(HTML) 2 Page - International Rectifier

  IRFY044CM Datasheet HTML 1Page - International Rectifier IRFY044CM Datasheet HTML 2Page - International Rectifier IRFY044CM Datasheet HTML 3Page - International Rectifier IRFY044CM Datasheet HTML 4Page - International Rectifier IRFY044CM Datasheet HTML 5Page - International Rectifier IRFY044CM Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ
Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
60
—
—
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
0.68
—
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source
—
—
0.040
VGS = 10V, ID = 16A „
On-State Resistance
—
—
—
Ω
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
17
—
—
S ( )VDS ≥ 15V, IDS = 16A „
IDSS
Zero Gate Voltage Drain Current
—
—
25
VDS = 0.8 x max. rating,VGS = 0V
—
—
250
VDS = 0.8 x max. rating
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Qg
Total Gate Charge
29
—
88
VGS = 10V, ID = 16A
Qgs
Gate-to-Source Charge
6.7
—
15
VDS = Max. Rating x 0.5
Qgd
Gate-to-Drain (‘Miller’) Charge
18
—
52
see figures 6 and 13
td(on)
Turn-On Delay Time
—
—
23
VDD = 30V, ID = 16A, RG = 9.1Ω
tr
Rise Time
—
—
130
VGS = 10V
td(off)
Turn-Off Delay Time
—
—
81
tf
Fall Time
—
—
79
see figure 10
LD
Internal Drain Inductance
—
8.7
—
LS
Internal Source Inductance
—
8.7
—
Ciss
Input Capacitance
—
2400
—
VGS = 0v, VDS = 25V
Coss
Output Capacitance
—
1100
—
pF
f = 1.0MHz.
Crss
ReverseTransfer Capacitance
—
230
—
see figure 5
Thermal Resistance
Parameter
Min Typ
Max Units
Test Conditions
RthJC Junction-to-Case
—
—
1.25
RthJA Junction-to-Ambient
—
—
80
K/W
…
Typical socket mount
RthCS Case-to-Sink
—
0.21
—
Mounting surface flat, smooth
µA
nC
nH
ns
Measured from the drain
lead, 6mm (0.25 in.) from
package to center of die.
Measured from the
source lead, 6mm (0.25
in.) from package to
source bonding pad.
Modified MOSFET symbol
showing the internal
inductances.
nA
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
16
ISM
Pulse Source Current (Body Diode)

—
—
156
VSD
Diode Forward Voltage
—
—
2.5
V
Tj = 25°C, IS = 16A, VGS = 0V
„
trr
Reverse Recovery Time
—
—
220
ns
Tj = 25°C, IF = 16A, di/dt ≤ 100 A/µs
QRR
Reverse Recovery Charge
—
—
1.6
µC
VDD ≤ 50 V
„
ton
ForwardTurn-OnTime
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
IRFY044CM Device
Modified MOSFET symbol showing the
integral reverse p-n junction rectifier.
A
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com