Electronic Components Datasheet Search
  English  ▼

X  

IRFY340CM Datasheet(PDF) 1 Page - International Rectifier

Part # IRFY340CM
Description  POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=8.7A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFY340CM Datasheet(HTML) 1 Page - International Rectifier

  IRFY340CM Datasheet HTML 1Page - International Rectifier IRFY340CM Datasheet HTML 2Page - International Rectifier IRFY340CM Datasheet HTML 3Page - International Rectifier IRFY340CM Datasheet HTML 4Page - International Rectifier IRFY340CM Datasheet HTML 5Page - International Rectifier IRFY340CM Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFY340CM
400V
0.55
Ω
8.7A
Provisional Data Sheet No. PD 9.1290B
HEXFET® POWER MOSFET
HEXFET technology is the key to International Rectifier’s
advanced line of power MOSFET transistors. The effi-
cient geometry design achieves very low on-state re-
sistance combined with high transconductance.
HEXFET transistors also feature all of the well-estab-
lished advantages of MOSFETs, such as voltage con-
trol, very fast switching, ease of paralleling and electri-
cal parameter temperature stability. They are well-suited
for applications such as switching power supplies, mo-
tor controls, inverters, choppers, audio amplifiers, high
energy pulse circuits, and virtually any application where
high reliability is required.
The HEXFET transistor’s totally isolated package elimi-
nates the need for additional isolating material between
the device and the heatsink. This improves thermal effi-
ciency and reduces drain capacitance.
IRFY340CM
Features
n Hermetically Sealed
n Electrically Isolated
n Simple Drive Requirements
n Ease of Paralleling
N-CHANNEL
400 Volt, 0.55
Ω HEXFET
Absolute Maximum Ratings
Parameter
IRFY340CM
Units
ID @ VGS=10V, TC = 25°C
Continuous Drain Current
8.7
ID @ VGS=10V, TC = 100°C
Continuous Drain Current
5.5
A
IDM
Pulsed Drain Current

35
PD @ TC = 25°C
Max. Power Dissipation
100
W
Linear Derating Factor
0.8
W/K
…
VGS
Gate-to-Source Voltage
±20
V
EAS
Single PulseAvalance Energy
‚
520
mJ
IAR
Avalance Current

8.7
A
EAR
Repetitive Avalanche Energy

10
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.0
V/ns
TJ
Operating Junction
-55 to 150
Tstg
Storage Temperature Range
°C
LeadTemperature
300 (0.063 in (1.6mm) from
case for 10 sec)
Weight
4.3 (typical)
g
°C
n Ceramic Eyelets
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFY340CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
Simple Drive Requirements
IRFY340C IRF-IRFY340C_15 Datasheet
148Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFY340CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRFI740G IRF-IRFI740G Datasheet
169Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFN340 IRF-IRFN340 Datasheet
211Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=10A)
IRFN350 IRF-IRFN350 Datasheet
212Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.315ohm, Id=14A)
IRFP340 IRF-IRFP340 Datasheet
172Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A)
JANTX2N6760 IRF-JANTX2N6760 Datasheet
234Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.00ohm, Id=5.5A)
JANTX2N6768 IRF-JANTX2N6768 Datasheet
233Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.300ohm, Id=14A)
JANTX2N6786 IRF-JANTX2N6786 Datasheet
230Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=3.6ohm, Id=1.25A)
JANTX2N6800 IRF-JANTX2N6800 Datasheet
230Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.0ohm, Id=3.0A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com