Electronic Components Datasheet Search
  English  ▼

X  

HD74HC04 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC04
Description  Hex Inverters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC04 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC04_15 Datasheet HTML 1Page - Renesas Technology Corp HD74HC04_15 Datasheet HTML 2Page - Renesas Technology Corp HD74HC04_15 Datasheet HTML 3Page - Renesas Technology Corp HD74HC04_15 Datasheet HTML 4Page - Renesas Technology Corp HD74HC04_15 Datasheet HTML 5Page - Renesas Technology Corp HD74HC04_15 Datasheet HTML 6Page - Renesas Technology Corp HD74HC04_15 Datasheet HTML 7Page - Renesas Technology Corp HD74HC04_15 Datasheet HTML 8Page - Renesas Technology Corp HD74HC04_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev.2.00, Oct 06, 2005 page 1 of 6
HD74HC04
Hex Inverters
REJ03D0534-0200
(Previous ADE-205-406)
Rev.2.00
Oct 06, 2005
Features
• High Speed Operation: t
pd = 7.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 1 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC04P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
HD74HC04FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74HC04RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
HD74HC04TELL
TSSOP-14 pin
PTSP0014JA-B
(TTP-14DV)
T
ELL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Input
Output
A
Y
L
H
H
L
H :
High level
L :
Low level



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com