Electronic Components Datasheet Search
  English  ▼

X  

HD74HC74P Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC74P
Description  Dual D-type Flip-Flops (with Preset and Clear)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC74P Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC74P Datasheet HTML 1Page - Renesas Technology Corp HD74HC74P Datasheet HTML 2Page - Renesas Technology Corp HD74HC74P Datasheet HTML 3Page - Renesas Technology Corp HD74HC74P Datasheet HTML 4Page - Renesas Technology Corp HD74HC74P Datasheet HTML 5Page - Renesas Technology Corp HD74HC74P Datasheet HTML 6Page - Renesas Technology Corp HD74HC74P Datasheet HTML 7Page - Renesas Technology Corp HD74HC74P Datasheet HTML 8Page - Renesas Technology Corp HD74HC74P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74HC74
REJ03D0549-0300 Rev.3.00 Oct 27, 2008
Page 3 of 7
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
2 to 6
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
0 to 1000
VCC = 2.0 V
0 to 500
VCC = 4.5 V
Input rise / fall time
*1
tr, tf
0 to 400
ns
VCC = 6.0 V
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Ta = 25
°C
Ta = –40 to+85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
—
—
1.5
—
4.5
3.15
—
—
3.15
—
VIH
6.0
4.2
—
—
4.2
—
V
2.0
—
—
0.5
—
0.5
4.5
—
—
1.35
—
1.35
Input voltage
VIL
6.0
—
—
1.8
—
1.8
V
2.0
1.9
2.0
—
1.9
—
4.5
4.4
4.5
—
4.4
—
6.0
5.9
6.0
—
5.9
—
IOH = –20
µA
4.5
4.18
—
—
4.13
—
IOH = –4 mA
VOH
6.0
5.68
—
—
5.63
—
V
Vin = VIH or VIL
IOH = –5.2 mA
2.0
—
0.0
0.1
—
0.1
4.5
—
0.0
0.1
—
0.1
6.0
—
0.0
0.1
—
0.1
IOL = 20
µA
4.5
—
—
0.26
—
0.33
IOL = 4 mA
Output voltage
VOL
6.0
—
—
0.26
—
0.33
V
Vin = VIH or VIL
IOL = 5.2 mA
Input current
Iin
6.0
—
—
±0.1
—
±1.0
µA
Vin = VCC or GND
Quiescent supply
current
ICC
6.0
—
—
2.0
—
20
µA
Vin = VCC or GND, Iout = 0
µA
Switching Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
—
—
5
—
4
4.5
—
35
25
—
20
Maximum clock
frequency
fmax
6.0
—
—
29
—
24
MHz
2.0
—
—
160
—
200
4.5
—
14
32
—
40
6.0
—
—
27
—
34
ns
Clock to Q or
Q
2.0
—
—
160
—
200
4.5
—
13
32
—
40
Propagation delay
time
tPLH, tPHL
6.0
—
—
27
—
34
ns
Preset or Clear to Q or
Q
2.0
100
—
—
125
—
4.5
20
1
—
25
—
Setup time
tsu
6.0
17
—
—
21
—
ns
Data to Clock



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com