Electronic Components Datasheet Search
  English  ▼

X  

B132002A2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B132002A2
Description  2-Port VGA with Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter with EDID,1920x1440 at 60Hz, Up to 1000-ft
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B132002A2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B132002A2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B132002A2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B132002A2 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2-Port VGA with Audio over Cat5/Cat6 Extender
Splitter, Box-Style Transmitter with EDID,
1920x1440 at 60Hz, Up to 1000-ft.
MODEL NUMBER: B132-002A-2
Description
Tripp Lite's B132-002A-2 allows you to split a single VGA Video and Audio signal into 2. Along with a B132-100A
or B132-100A-WP-1 remote receiver unit, you can extend a 1920 x 1440 (60Hz) Video and Audio signal up to
500 ft., or a 1024 x 768 (60Hz) Video and Audio signal up to 1,000 ft., when using 24Awg, Solid Wire Cat5e/6
cable, such as Tripp Lite's N022-01K-GY (Cat5) and N222-01K-GY (Cat6).
The range and number of monitors/speakers can be further expanded by adding B132-110A repeater units.
Connect up to 4 remote units in a repeater chain (3 repeaters and 1 receiver), with a set of monitor and
speakers at each location. A 1920 x 1440 (60Hz) Video and Audio signal can be extended up to 500 ft. from the
first repeater in the chain to the last receiver. A 1024 x 768 (60Hz) Video and Audio signal can be extended up to
1,000 ft. from the first repeater in the chain to the last receiver.
For optimal video image quality between 500 and 1,000 ft., use Zero-Skew cable, such as Tripp Lite P524-01K.
The transmitter unit features functionality that allows for the EDID information from a connected display to be
copied and sent to the connected computer, providing optimal compatibility. Includes mounting hardware that allows unit to be wall mounted, rack mounted or
pole mounted. Ideal for digital signage situations, such as retail, schools, churches, etc. Compliant with the Federal Trade Agreements Act (TAA) for GSA
Schedule purchases.
Features
Splits a single VGA Video and Audio signal into 2
A B132-100A or B132-100A-WP-1 remote receiver unit is required for each connected monitor
Extends a 1920 x 1440 (60Hz) Video and Audio signal up to 500 ft., or a 1024 x 768 (60Hz) Video and Audio signal up to 1,000 ft., when using 24Awg,
Solid Wire Cat5e/6 cable, such as Tripp Lite's N022-01K-GY (Cat5) and N222-01K-GY (Cat6)
Support for video resolutions up to 1920 x 1440 (60Hz)
EDID copy feature ensures optimal display compatibility
Highlights
Splits a single VGA Video and
Audio signal into 2
EDID copy feature ensures
optimal display compatibility
Extends a 1920 x 1440 (60Hz)
Video and Audio signal up to 500
ft., or a 1024 x 768 (60Hz) Video
and Audio signal up to 1,000 ft.,
when using 24Awg, Solid Wire
Cat5e/6 cable, such as Tripp
Lite's N022-01K-GY (Cat5) and
N222-01K-GY (Cat6)
For optimal image quality
between 500 and 1,000 ft., use
Zero-Skew cable, such as Tripp
Lite P524-01K
Can further expand the range
and number of
monitors/speakers by adding
B132-110A repeaters
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Package Includes
2 Port Extender/Splitter local
(Transmitter) unit
Mounting hardware
External Power Supply (Input:
100-240V, 50/60Hz, 1.5A Output:
12.6V, 3A)
Owner's Manual
1 / 3


Similar Part No. - B132002A2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B1320022 TRIPPLITE-B1320022 Datasheet
501Kb / 2P
2-Port VGA over Cat5-Cat6 Extender Splitter,Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft
More results

Similar Description - B132002A2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B130101A2 TRIPPLITE-B130101A2 Datasheet
494Kb / 2P
VGA with Audio over Cat5-Cat6 Extender Kit,Box-Style Transmitter & Receiver with EDID,1920x1440 at 60Hz, Up to 1000-ft.
B130101S2 TRIPPLITE-B130101S2 Datasheet
496Kb / 2P
VGA with RS232 over Cat5-Cat6 Extender Kit,Box-Style Transmitter and Receiver with EDID,1920x1440 at 60Hz, Up to 1000-ft
B132004A2 TRIPPLITE-B132004A2 Datasheet
498Kb / 3P
4-Port VGA with Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft.
B132100A TRIPPLITE-B132100A Datasheet
516Kb / 2P
VGA with Audio over Cat5-Cat6 Extender, Box-Style Receiver, 1920x1440 at 60Hz, Up to 1000-ft
B132110 TRIPPLITE-B132110 Datasheet
522Kb / 3P
VGA over Cat5-Cat6 Extender, Box-Style Repeater, 1920x1440 at 60Hz, Up to 1000-ft
B132110A TRIPPLITE-B132110A Datasheet
530Kb / 3P
VGA with Audio over Cat5-Cat6 Extender, Box-Style Repeater, 1920x1440 at 60Hz, Up to 1000-ft
B1301012 TRIPPLITE-B1301012 Datasheet
493Kb / 2P
VGA over Cat5-Cat6 Extender Kit, Box-Style Transmitter and Receiver with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B1320022 TRIPPLITE-B1320022 Datasheet
501Kb / 2P
2-Port VGA over Cat5-Cat6 Extender Splitter,Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B1320042 TRIPPLITE-B1320042 Datasheet
493Kb / 3P
4-Port VGA over Cat5-Cat6 Extender Splitter,Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B1321001 TRIPPLITE-B1321001 Datasheet
506Kb / 2P
VGA over Cat5-Cat6 Extender, Box-Style Receiver,1920x1440 at 60Hz, Up to 1000-ft
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com