Electronic Components Datasheet Search
  English  ▼

X  

B132004A2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B132004A2
Description  4-Port VGA with Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B132004A2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B132004A2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B132004A2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B132004A2 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-Port VGA with Audio over Cat5/Cat6 Extender
Splitter, Box-Style Transmitter with EDID,
1920x1440 at 60Hz, Up to 1000-ft.
MODEL NUMBER: B132-004A-2
Description
Tripp Lite's B132-004A-2 allows you to split a single VGA and Audio signal into 5 (1 local, 4 remote). Increase
the number of displays to up to 25 (1 local, 24 remote) by daisy-chaining up to six B132-004A-2 units together.
Along with a B132-100A or B132-100A-WP-1 remote receiver unit, you can extend a 1920 x 1440 (60Hz) signal
up to 500 ft., or a 1024 x 768 (60Hz) signal up to 1,000 ft., when using 24Awg, Solid Wire Cat5e/6 cable, such as
Tripp Lite's N022-01K-GY (Cat5) and N222-01K-GY (Cat6). The range and number of monitors can be further
expanded by adding B132-110A repeater units. Connect up to 4 remote units in a repeater chain (3 repeaters
and 1 receiver), with a monitor at each location. A 1920 x 1440 (60Hz) signal can be extended up to 500 ft. from
the first repeater in the chain to the last receiver. Support for video resolutions up to 1920 x 1440 (60Hz). A 1024
x 768 (60Hz) signal can be extended up to 1,000 ft. from the first repeater in the chain to the last receiver.
For optimal video image quality between 500 and 1,000 ft., use Zero-Skew cable, such as Tripp Lite P524-01K.
The transmitter unit features functionality that allows for the EDID information from a connected display to be
copied and sent to the connected computer, providing optimal compatibility. Includes mounting hardware that allows unit to be wallmounted, rackmounted or
pole mounted. Up to three B132-004A-2 units can be mounted in 1U of rack space using a Tripp Lite B132-004-RB Extender/Splitter 19 in. rackmount bracket.
Ideal for digital signage situations, such as retail, schools, churches, etc. Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule
purchases.
Features
Splits a single VGA and Audio signal into 5 (1 local, 4 remote)
Increase the number of displays to up to 25 (1 local, 24 remote) by daisy-chaining up to six B132-004A-2 units together
A B132-100A or B132-100A-WP-1 remote receiver unit is required for each connected monitor
Support for video resolutions up to 1920 x 1440 (60Hz)
Extends a 1920 x 1440 (60Hz) signal up to 500 ft., or a 1024 x 768 (60Hz) signal up to 1,000 ft., when using 24Awg, Solid Wire Cat5e/6 cable, such as
Tripp Lite's N022-01K-GY (Cat5) and N222-01K-GY (Cat6)
Highlights
Splits a single VGA and Audio
signal into 5 (1 local, 4 remote)
EDID copy feature ensures
optimal display compatibility
Extends a 1920 x 1440 (60Hz)
signal up to 500 ft., or a 1024 x
768 (60Hz) signal up to 1,000 ft.,
when using 24Awg, Solid Wire
Cat5e/6 cable, such as Tripp
Lite's N022-01K-GY (Cat5) and
N222-01K-GY (Cat6)
Can further expand the range
and number of monitors by
adding B132-110A repeaters
For optimal image quality
between 500 and 1,000 ft., use
Zero-Skew cable, such as Tripp
Lite P524-01K
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Package Includes
4 Port Extender/Splitter local
(Transmitter) unit
1 ft. VGA daisychain cable
Mounting hardware
External Power Supply (Input:
100-240V, 50/60Hz, 1.5A Output:
12.6V, 3A)
Owner's Manual
1 / 3


Similar Part No. - B132004A2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B1320042 TRIPPLITE-B1320042 Datasheet
493Kb / 3P
4-Port VGA over Cat5-Cat6 Extender Splitter,Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B132004RB TRIPPLITE-B132004RB Datasheet
463Kb / 2P
19 Rack Mount Bracket (holds up to three Cat5 extender-splitter local units)
More results

Similar Description - B132004A2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B130101A2 TRIPPLITE-B130101A2 Datasheet
494Kb / 2P
VGA with Audio over Cat5-Cat6 Extender Kit,Box-Style Transmitter & Receiver with EDID,1920x1440 at 60Hz, Up to 1000-ft.
B130101S2 TRIPPLITE-B130101S2 Datasheet
496Kb / 2P
VGA with RS232 over Cat5-Cat6 Extender Kit,Box-Style Transmitter and Receiver with EDID,1920x1440 at 60Hz, Up to 1000-ft
B132002A2 TRIPPLITE-B132002A2 Datasheet
506Kb / 3P
2-Port VGA with Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter with EDID,1920x1440 at 60Hz, Up to 1000-ft
B132100A TRIPPLITE-B132100A Datasheet
516Kb / 2P
VGA with Audio over Cat5-Cat6 Extender, Box-Style Receiver, 1920x1440 at 60Hz, Up to 1000-ft
B132110 TRIPPLITE-B132110 Datasheet
522Kb / 3P
VGA over Cat5-Cat6 Extender, Box-Style Repeater, 1920x1440 at 60Hz, Up to 1000-ft
B132110A TRIPPLITE-B132110A Datasheet
530Kb / 3P
VGA with Audio over Cat5-Cat6 Extender, Box-Style Repeater, 1920x1440 at 60Hz, Up to 1000-ft
B1301012 TRIPPLITE-B1301012 Datasheet
493Kb / 2P
VGA over Cat5-Cat6 Extender Kit, Box-Style Transmitter and Receiver with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B1320022 TRIPPLITE-B1320022 Datasheet
501Kb / 2P
2-Port VGA over Cat5-Cat6 Extender Splitter,Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B1320042 TRIPPLITE-B1320042 Datasheet
493Kb / 3P
4-Port VGA over Cat5-Cat6 Extender Splitter,Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B1321001 TRIPPLITE-B1321001 Datasheet
506Kb / 2P
VGA over Cat5-Cat6 Extender, Box-Style Receiver,1920x1440 at 60Hz, Up to 1000-ft
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com