Electronic Components Datasheet Search
  English  ▼

X  

IRFZ44ES Datasheet(PDF) 1 Page - International Rectifier

Part # IRFZ44ES
Description  Power MOSFET(Vdss=60V, Rds(on)=0.023ohm, Id=48A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44ES Datasheet(HTML) 1 Page - International Rectifier

  IRFZ44ES Datasheet HTML 1Page - International Rectifier IRFZ44ES Datasheet HTML 2Page - International Rectifier IRFZ44ES Datasheet HTML 3Page - International Rectifier IRFZ44ES Datasheet HTML 4Page - International Rectifier IRFZ44ES Datasheet HTML 5Page - International Rectifier IRFZ44ES Datasheet HTML 6Page - International Rectifier IRFZ44ES Datasheet HTML 7Page - International Rectifier IRFZ44ES Datasheet HTML 8Page - International Rectifier IRFZ44ES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFZ44ES/L
HEXFET® Power MOSFET
PD - 9.1714
11/18/97
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V…
48
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V…
34
A
IDM
Pulsed Drain Current
…
192
PD @TC = 25°C
Power Dissipation
110
W
Linear Derating Factor
0.71
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
220
mJ
IAR
Avalanche Current

29
A
EAR
Repetitive Avalanche Energy

11
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.4
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
www.irf.com
1
l Advanced Process Technology
l Surface Mount (IRFZ44ES)
l Low-profile through-hole (IRFZ44EL)
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Fifth Generation HEXFETs from International Rectifier utilize advanced
processing techniques to achieve extremely low on-resistance per silicon area.
This benefit, combined with the fast switching speed and ruggedized device
design that HEXFET Power MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of accommodating die
sizes up to HEX-4. It provides the highest power capability and the lowest
possible on-resistance in any existing surface mount package. The D2Pak is
suitable for high current applications because of its low internal connection
resistance and can dissipate up to 2.0W in a typical surface mount application.
The through-hole version (IRFZ44EL) is available for low-profile applications.
Description
VDSS = 60V
RDS(on) = 0.023Ω
ID = 48A
2
D
Pak
TO -26 2
S
D
G
PRELIMINARY


Similar Part No. - IRFZ44ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44ES IRF-IRFZ44ES Datasheet
174Kb / 11P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRFZ44ES ISC-IRFZ44ES Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFZ44ESL IRF-IRFZ44ESL Datasheet
174Kb / 11P
Advanced Process Technology
IRFZ44ESPBF IRF-IRFZ44ESPBF Datasheet
230Kb / 10P
HEXFET짰 Power MOSFET
IRFZ44ESPBF IRF-IRFZ44ESPBF Datasheet
239Kb / 11P
Advanced Process Technology
More results

Similar Description - IRFZ44ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ34 IRF-IRCZ34 Datasheet
130Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFP90N20D IRF-IRFP90N20D Datasheet
89Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44E IRF-IRFZ44E Datasheet
96Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.023ohm, Id=48A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com