Electronic Components Datasheet Search
  English  ▼

X  

UPD16805GS Datasheet(PDF) 1 Page - NEC

Part # UPD16805GS
Description  MONOLITHIC H BRIDGE DRIVER CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16805GS Datasheet(HTML) 1 Page - NEC

  UPD16805GS Datasheet HTML 1Page - NEC UPD16805GS Datasheet HTML 2Page - NEC UPD16805GS Datasheet HTML 3Page - NEC UPD16805GS Datasheet HTML 4Page - NEC UPD16805GS Datasheet HTML 5Page - NEC UPD16805GS Datasheet HTML 6Page - NEC UPD16805GS Datasheet HTML 7Page - NEC UPD16805GS Datasheet HTML 8Page - NEC UPD16805GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1997
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD16805
MONOLITHIC H BRIDGE DRIVER CIRCUIT
DESCRIPTION
The
µPD16805 is a monolithic H bridge driver IC which uses low-ON resistance power MOS FETs in its driver stage.
This driver has a forward, reverse, and brake functions and is ideal for the driver circuit of motors for camera that
advance or rewind the film, and for auto focusing or zooming.
This IC supports a drive current of up to 1.0 A (DC).
FEATURES
PIN CONFIGURATION (Top View)
•
High drive current
IDR = 4.2 A MAX. at PW
≤ 200 ms (single pulse)
IDR = 1.0 A (DC)
•
Low-ON resistance (sum of ON resistances of top
and bottom MOS FET)
RON = 0.4
Ω TYP. at IDR = 1.0 A
•
Standby function that turns OFF charge pump circuit
•
Compact surface mount package
16-pin plastic SOP (300 mil)
ORDERING INFORMATION
Part Number
Package
µPD16805GS
16-pin plastic SOP (300 mil)
BLOCK DIAGRAM
C1
VDD
VG
VM
OUT1
OUT2
PGND
DGND
C2
C3
IN2
IN1
INC
STBY
Contorol
circuit
Contorol
circuit
Level shift
circuit
D MOS FET
H bridge circuit
Charge pump
circuit
50 k
Ω
C1 = C2 = C3: External capacitors (10 nF)
Load motor
Document No. G11032EJ3V0DS00 (3rd edition)
Date Published July 1997 N
Printed in Japan
The information in this document is subject to change without notice.
C2L
16
C1H
15
C1L
14
VM
13
VDD
12
IN1
11
IN2
10
INC
9
1
2
3
4
5
6
7
8
C2H
VG
STBY
OUT2
PGND
OUT1
VM
DGND


Similar Part No. - UPD16805GS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16805GS RENESAS-UPD16805GS Datasheet
254Kb / 18P
MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD16805GS

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16835 NEC-UPD16835 Datasheet
196Kb / 32P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16803 NEC-UPD16803 Datasheet
97Kb / 12P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16818 NEC-UPD16818 Datasheet
136Kb / 15P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16835A NEC-UPD16835A Datasheet
227Kb / 32P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD168101 NEC-UPD168101 Datasheet
115Kb / 16P
MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
PD16814 RENESAS-PD16814_15 Datasheet
199Kb / 14P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com