Electronic Components Datasheet Search
  English  ▼

X  

IRFZ44NL Datasheet(PDF) 10 Page - International Rectifier

Part # IRFZ44NL
Description  Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44NL Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFZ44NL Datasheet HTML 2Page - International Rectifier IRFZ44NL Datasheet HTML 3Page - International Rectifier IRFZ44NL Datasheet HTML 4Page - International Rectifier IRFZ44NL Datasheet HTML 5Page - International Rectifier IRFZ44NL Datasheet HTML 6Page - International Rectifier IRFZ44NL Datasheet HTML 7Page - International Rectifier IRFZ44NL Datasheet HTML 8Page - International Rectifier IRFZ44NL Datasheet HTML 9Page - International Rectifier IRFZ44NL Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRFZ44NS/IRFZ44NL
10
www.irf.com
Tape & Reel Information
D2Pak
3
4
4
TR R
F E E D DIRE CTIO N
1.85 ( .0 7 3 )
1.65 ( .0 6 5 )
1.60 (.063 )
1.50 (.059 )
4.10 ( .1 6 1 )
3.90 ( .1 5 3 )
TR L
F E E D D IRE CTIO N
10 .90 (.42 9)
10 .70 (.42 1)
16 .10 (.63 4 )
15 .90 (.62 6 )
1.75 (.06 9 )
1.25 (.04 9 )
11.60 (.457 )
11.40 (.449 )
15.42 (.609 )
15.22 (.601 )
4.72 (.136)
4.52 (.178)
24.30 (.957 )
23.90 (.941 )
0.3 68 (.0145 )
0.3 42 (.0135 )
1.60 (.06 3)
1.50 (.05 9)
13.50 (.532 )
12.80 (.504 )
33 0.00
(14.1 73)
MA X .
27.4 0 ( 1.079)
23.9 0 ( .9 41)
60.00 (2.3 62)
M IN .
3 0.40 (1.1 97)
M A X .
26 .40 ( 1.03 9)
24 .40 ( .961 )
NO T ES :
1. C O M F O R M S TO E IA -4 18.
2. C O NTRO LLING DIM E N S IO N: M ILL IM ET ER .
3. DIM E NSIO N M EASUR E D @ HU B.
4. IN C LU D E S F LA N GE D IS TOR T ION @ OU T E R E D GE .
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 3/01



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com