Electronic Components Datasheet Search
  English  ▼

X  

P580100 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P580100
Description  DisplayPort Cable with Latches (M-M) 100-ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P580100 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P580100 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P580100 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
In most applications, a signal booster (Model Number: B121-000) should be used with this cable to ensure a
signal strong enough for your display.
DisplayPort Cable with Latches (M/M) 100-ft.
MODEL NUMBER: P580-100
Description
DisplayPort is a new digital display interface standard put forth by the Video Electronics Standards Association (VESA). It defines a digital audio/video
interconnect intended to be used between computer and display monitors, or computers and home theater systems. Similar to HDMI, in that it supports both
Digital Video/Audio signals, DisplayPort is geared more toward the computer market, where HDMI dominates the Home Theater market. Tripp Lite's
DisplayPort cables support a maximum bandwidth of 10.8Gbps, as well as DPCP ( DisplayPort Content Protection) , HDCP, and resolutions up to 1080p. In
most applications, a signal booster (B121-000) should be used with this cable to ensure a signal strong enough for your display.
Features
The future standard for Digital Video and Audio connections
Supports Displayport v1.2
Provides up to 1080p resolution
Monitor Resolution Support: 2560x1600 @ 60Hz, 1920x1200 @ 120Hz
Supports High Definition Content Protection ( HDCP )
In most applications, a signal booster (B121-000) should be used with this cable to ensure a signal strong enough for your display.
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Style
DisplayPort Cables
Highlights
Digital Video and Audio in one
cable
Supports 1080p resolution
Small footprint compared to VGA
or DVI
Package Includes
DisplayPort Monitor Cable - 100ft
1 / 2


Similar Part No. - P580100

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P580-001 TRIPPLITE-P580-001 Datasheet
156Kb / 2P
DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 60Hz, 1-ft.
P580-001-V4 TRIPPLITE-P580-001-V4 Datasheet
69Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 1 ft. (0.31 m)
P580-003 TRIPPLITE-P580-003 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 60Hz, 3-ft.
P580-003-8K6 TRIPPLITE-P580-003-8K6 Datasheet
50Kb / 3P
DisplayPort Cable with Latching Connectors (M/M), 8K 60 Hz, HDR, HBR3, 4:4:4, HDCP 2.2, Black, 3 ft. (0.9 m)
P580-003-V4 TRIPPLITE-P580-003-V4 Datasheet
69Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 3 ft. (0.9m)
More results

Similar Description - P580100

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P580010 TRIPPLITE-P580010 Datasheet
483Kb / 2P
DisplayPort Cable with Latches (M-M), 10-ft
P580015 TRIPPLITE-P580015 Datasheet
483Kb / 2P
DisplayPort Cable with Latches (M/M), 15-ft
P580020 TRIPPLITE-P580020 Datasheet
483Kb / 2P
DisplayPort Cable with Latches (M/M) 20-ft
P580025 TRIPPLITE-P580025 Datasheet
483Kb / 2P
DisplayPort Cable with Latches (M/M) 25-ft
P580050 TRIPPLITE-P580050 Datasheet
483Kb / 2P
DisplayPort Cable with Latches (M-M) 50-ft
P580-030 TRIPPLITE-P580-030 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M) 30-ft.
P580-050 TRIPPLITE-P580-050 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M) 50-ft.
P580-100 TRIPPLITE-P580-100 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M) 100-ft.
P580-050 TRIPPLITE-P580-050_V01 Datasheet
35Kb / 2P
DisplayPort Cable with Latches (M/M) 50 ft. (15.24 m)
P580-100 TRIPPLITE-P580-100_V01 Datasheet
35Kb / 2P
DisplayPort Cable with Latches (M/M) 100 ft. (30.5 m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com