Electronic Components Datasheet Search
  English  ▼

X  

P581010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P581010
Description  Displayport to DVI Cable, Displayport with Latches to DVI-D Single Link Adapter (M-M), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P581010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P581010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P581010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Displayport to DVI Cable, Displayport with Latches
to DVI-D Single Link Adapter (M/M), 10-ft.
MODEL NUMBER: P581-010
Description
Tripp Lite's P581-010, Displayport Male to DVI-D Male 10ft Cable, allows you to connect a computer with a DisplayPort connection, to a HDTV or Computer
Monitor with a DVI connection. Digital Video signals are passed through, with full 1080p video resolution supported. Fully molded ends ensure long life
enjoyment.
The P581-010 is a Passive adapter, and requires the host computers displayport to be DP++ ( Displayport ++ ), which allows HDMI and DVI signals to be
passed through; check your computers documentation for compatibility.
Features
Displayport Male to DVI-D Male, 10ft
Allows PC images to be dispalyed on big screen HDTV or computer monitors with DVI
Molded ends
1080p Resolution
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Display Style
Adapter
Model Type
DVI
Cable Types
DISPLAYPORT
Highlights
Displayport Male to DVI-D Male,
10ft
Molded ends
1080p Resolution
Applications
Allows a DVI monitor to be
connected to a computer with
DisplayPort video connection
Note: Does not work in reverse.
Can Not connect a DVI video
card to a monitor with a
Displayport connection
Package Includes
10-ft. DisplayPort to DVI Single
link Cable M/M
1 / 2


Similar Part No. - P581010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P581006 TRIPPLITE-P581006 Datasheet
483Kb / 2P
DisplayPort to DVI Cable, Displayport with Latches to DVI-D Single Link Adapter (M-M), 6-ft
P581006VGA TRIPPLITE-P581006VGA Datasheet
503Kb / 2P
DisplayPort to VGA Cable, Displayport with Latches to HD-15 Adapter (M-M), 6-ft
More results

Similar Description - P581010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P581006 TRIPPLITE-P581006 Datasheet
483Kb / 2P
DisplayPort to DVI Cable, Displayport with Latches to DVI-D Single Link Adapter (M-M), 6-ft
P581-010 TRIPPLITE-P581-010 Datasheet
167Kb / 2P
Displayport to DVI Cable, Displayport with Latches to DVI-D Single Link Adapter (M/M), 10-ft.
P581-006 TRIPPLITE-P581-006 Datasheet
170Kb / 2P
DisplayPort to DVI-D Cable Adapter, Single-Link Adapter with Latches (M/M), 6 ft.
P586-006-DVI TRIPPLITE-P586-006-DVI Datasheet
162Kb / 2P
Mini DisplayPort to DVI Cable Adapter (M/M), 6-ft.
P586-010-DVI TRIPPLITE-P586-010-DVI Datasheet
164Kb / 3P
Mini DisplayPort to DVI Adapter Cable (M/M), 1080p, 10 ft.
P581-003-V2 TRIPPLITE-P581-003-V2_V01 Datasheet
42Kb / 3P
DisplayPort 1.2 to DVI Active Adapter Cable (DP with Latches to DVI-D Dual Link M/M), 3 ft. (0.9 m)
P581-003 TRIPPLITE-P581-003_V01 Datasheet
42Kb / 3P
DisplayPort to DVI Adapter Cable (DP with Latches to DVI-D Single Link M/M), 3 ft. (0.9 m)
P581-006-V2 TRIPPLITE-P581-006-V2_V01 Datasheet
24Kb / 2P
DisplayPort 1.2 to DVI Active Adapter Cable (DP with Latches to DVI-D Dual Link M/M), 6 ft. (1.8 m)
P581-006 TRIPPLITE-P581-006_V01 Datasheet
63Kb / 3P
DisplayPort to DVI Adapter Cable (DP with Latches to DVI-D Single Link M/M), 6 ft. (1.8 m)
P581-015 TRIPPLITE-P581-015_V01 Datasheet
43Kb / 3P
DisplayPort to DVI Adapter Cable (DP with Latches to DVI-D Single Link M/M), 15 ft. (4.6 m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com