Electronic Components Datasheet Search
  English  ▼

X  

IRFZ44V Datasheet(PDF) 7 Page - International Rectifier

Part # IRFZ44V
Description  Power MOSFET(Vdss=60V, Rds(on)=16.5mw, Id=55A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44V Datasheet(HTML) 7 Page - International Rectifier

  IRFZ44V Datasheet HTML 1Page - International Rectifier IRFZ44V Datasheet HTML 2Page - International Rectifier IRFZ44V Datasheet HTML 3Page - International Rectifier IRFZ44V Datasheet HTML 4Page - International Rectifier IRFZ44V Datasheet HTML 5Page - International Rectifier IRFZ44V Datasheet HTML 6Page - International Rectifier IRFZ44V Datasheet HTML 7Page - International Rectifier IRFZ44V Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRFZ44V
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFETS
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
·
dv/dt controlled by RG
·
Driver same type as D.U.T.
·
ISD controlled by Duty Factor "D"
·
D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
·
Low Stray Inductance
·
Ground Plane
·
Low Leakage Inductance
Current Transformer

*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com