Electronic Components Datasheet Search
  English  ▼

X  

P582006 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P582006
Description  DisplayPort to HD Cable Adapter (M-M), 6-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P582006 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P582006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P582006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DisplayPort to HD Cable Adapter (M/M), 6-ft.
MODEL NUMBER: P582-006
Description
Tripp Lites P582-006, Displayport to HD cable, allows you to connect a computer with Displayport video out port, to an HDMI enabled Monitor or TV. Male to
Male design eliminates the need for separate adapter and cable. In-line passive adapter is designed for use with Dual Mode ( DP++) Displayport graphics
cards. Supports 1080P video, as well as audio ( provided your Displayport card supports audio pass through ). HDCP compatible.
Features
6ft Displayport to HD Adapter cable
Supports 1080P video, as well as audio ( if video card enabled )
HDCP compatible
In-line Passive adapter
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Display Style
Cable
Model Type
HDMI
Cable Types
DISPLAYPORT
INPUT
Cable Length (ft.)
6
Highlights
Supports 1080P 1920x1080
resolution
Supports Audio
Package Includes
6-ft. Displayport to HD Adapter
cable
1 / 2


Similar Part No. - P582006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P582010 TRIPPLITE-P582010 Datasheet
491Kb / 2P
DisplayPort to HD Cable Adapter (M-M), 10-ft
More results

Similar Description - P582006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P581006VGA TRIPPLITE-P581006VGA Datasheet
503Kb / 2P
DisplayPort to VGA Cable, Displayport with Latches to HD-15 Adapter (M-M), 6-ft
P582010 TRIPPLITE-P582010 Datasheet
491Kb / 2P
DisplayPort to HD Cable Adapter (M-M), 10-ft
P586006DVI TRIPPLITE-P586006DVI Datasheet
498Kb / 2P
Mini DisplayPort to DVI Cable Adapter (M-M), 6-ft
P586006HDMI TRIPPLITE-P586006HDMI Datasheet
501Kb / 2P
Mini DisplayPort to HD Cable Adapter (M-M), 6-ft
P583006 TRIPPLITE-P583006 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 6-ft
P582-020 TRIPPLITE-P582-020 Datasheet
494Kb / 2P
DisplayPort to HD Adapter Cable (M/M), 1080p, 20 ft.
P582-025 TRIPPLITE-P582-025 Datasheet
495Kb / 2P
DisplayPort to HD Adapter Cable (M/M), 1080p, 25 ft.
P581-006-VGA TRIPPLITE-P581-006-VGA Datasheet
160Kb / 2P
DisplayPort to Active VGA Cable, Displayport with Latches to HD-15 Adapter (M/M), 6-ft.
P582-006 TRIPPLITE-P582-006 Datasheet
166Kb / 2P
DisplayPort to HDMI Cable Adapter (M/M), 6-ft.
P586-006-DVI TRIPPLITE-P586-006-DVI Datasheet
162Kb / 2P
Mini DisplayPort to DVI Cable Adapter (M/M), 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com