Electronic Components Datasheet Search
  English  ▼

X  

IRFZ46 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFZ46
Description  Power MOSFET(Vdss=55V, Rds(on)=16.5mohm, Id=53A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ46 Datasheet(HTML) 1 Page - International Rectifier

  IRFZ46 Datasheet HTML 1Page - International Rectifier IRFZ46 Datasheet HTML 2Page - International Rectifier IRFZ46 Datasheet HTML 3Page - International Rectifier IRFZ46 Datasheet HTML 4Page - International Rectifier IRFZ46 Datasheet HTML 5Page - International Rectifier IRFZ46 Datasheet HTML 6Page - International Rectifier IRFZ46 Datasheet HTML 7Page - International Rectifier IRFZ46 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFZ46N
HEXFET® Power MOSFET
01/24/01
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.4
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
www.irf.com
1
VDSS = 55V
RDS(on) = 16.5mΩ
ID = 53A
S
D
G
TO-220AB
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts.
The low thermal
resistance and low package cost of the TO-220 contribute
to its wide acceptance throughout the industry.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Description
PD-91277
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
53
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
37
A
IDM
Pulsed Drain Current

180
PD @TC = 25°C
Power Dissipation
107
W
Linear Derating Factor
0.71
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

28
A
EAR
Repetitive Avalanche Energy

11
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)


Similar Part No. - IRFZ46

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ46 IRF-IRFZ46 Datasheet
165Kb / 6P
Power MOSFET(Vdss=50V, Rds(on)=0.024ohm, Id=50*A)
logo
New Jersey Semi-Conduct...
IRFZ46 NJSEMI-IRFZ46 Datasheet
110Kb / 2P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFZ46 VISHAY-IRFZ46 Datasheet
963Kb / 8P
Power MOSFET
02-Feb-09
logo
International Rectifier
IRFZ46L IRF-IRFZ46L Datasheet
360Kb / 10P
Advanced Process Technology
IRFZ46N IRF-IRFZ46N Datasheet
190Kb / 9P
HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
More results

Similar Description - IRFZ46

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFP044N IRF-IRFP044N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=53A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ44VS IRF-IRFZ44VS Datasheet
145Kb / 10P
Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A)
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com