Electronic Components Datasheet Search
  English  ▼

X  

UPD16814 Datasheet(PDF) 2 Page - NEC

Part # UPD16814
Description  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16814 Datasheet(HTML) 2 Page - NEC

  UPD16814 Datasheet HTML 1Page - NEC UPD16814 Datasheet HTML 2Page - NEC UPD16814 Datasheet HTML 3Page - NEC UPD16814 Datasheet HTML 4Page - NEC UPD16814 Datasheet HTML 5Page - NEC UPD16814 Datasheet HTML 6Page - NEC UPD16814 Datasheet HTML 7Page - NEC UPD16814 Datasheet HTML 8Page - NEC UPD16814 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
µPD16814
2
BLOCK DIAGRAM
CONTROL
CIRCUIT 1
“H”
BRIDGE 1
CONTROL
CIRCUIT 2
6
IN1
8
IN2
11
SEL
7
IN3
10
IN4
9
DGND
14
PGND2
5
VDD
13
4
15
2
3
1
VM
+
2B
2A
VM2
PGND1
1B
1A
VM1
“H”
BRIDGE 2
12
FUNCTION TABLE
• In Stop mode (SEL = High)
Excitation Direction
IN1
IN2
IN3
IN4
H1
H2
——
LLLL
S
S
H2R
LLL
H
S
R
H2FL
L
H
L
S
F
——
L
L
H
H
S
S
H1RL
H
L
L
R
S
<3>
L
H
L
H
R
R
<2>
L
H
H
L
R
F
H1R
L
HHHR
S
H1F
H
LLL
F
S
<4>
H
L
L
H
F
R
<1>
HL
HL
F
F
H1FH
L
H
H
F
S
——
H
H
L
L
S
S
H2RH
H
L
H
S
R
H2F
HHH
L
S
F
——
HHHH
S
S
H1 F
H1 R
H2 RH2 F
<4><1>
<3><2>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com