Electronic Components Datasheet Search
  English  ▼

X  

2505 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2505
Description  Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2505 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2505 Datasheet HTML 1Page - KR Electronics, Inc. 2505 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
KR 2505 Bandpass Filter
KR 2505 is a surface mount bandpass
filter. Other passband frequencies
are available. Please consult the
factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Surface Mount Package
• 10.7 MHz Center frequency
• 330 Ω Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 10.700 000 MHz
SPAN
2.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 300 ns
50 ns/
Cor
Smo
PRm
7 Oct 2003 16:15:56
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
START
.100 000 MHz
STOP 25.000 000 MHz
Cor
PRm
7 Oct 2003 16:17:51
Passband Amplitude & Group Delay
(1 dB/div and 50 nsec/div)
Overall Response
(10 dB/div)


Similar Part No. - 2505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2505 ETC2-2505 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Christian Bürkert GmbH ...
2505 BURKERT-2505 Datasheet
1Mb / 20P
Direct-acting 2/2 or 3/2 way Rocker-Solenoid Valve with separating diaphragm
16.08.2023
2505 BURKERT-2505 Datasheet
1Mb / 17P
2/2 or 3/2 way Pneumatic-Rocker-Solenoid Valve
03.02.2023
2505 BURKERT-2505 Datasheet
1Mb / 15P
2/2 or 3/2 way Rocker-Solenoid Valve with separating diaphragm
27.01.2023
2505 BURKERT-2505 Datasheet
1Mb / 13P
2/2 and 3/2 way Bürkert TwinPower Rocker- Solenoid Valve with separating diaphragm
27.10.2020
More results

Similar Description - 2505

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4530 VECTRON-C4530_06 Datasheet
119Kb / 5P
Surface Mount Package
logo
Gaomi Xinghe Electronic...
1N4148W GXELECTRONICS-1N4148W Datasheet
687Kb / 2P
Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
Surface mount package
AP2422GY A-POWER-AP2422GY_14 Datasheet
121Kb / 5P
Surface mount package
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
Surface Mount Package
AP2306AGN-HF A-POWER-AP2306AGN-HF_16 Datasheet
101Kb / 5P
Surface Mount Package
AP2306CGN-HF A-POWER-AP2306CGN-HF_16 Datasheet
99Kb / 5P
Surface Mount Package
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
Surface mount package
AP9938AGEY-HF A-POWER-AP9938AGEY-HF_16 Datasheet
104Kb / 5P
Surface Mount Package
logo
M/A-COM Technology Solu...
OD-S-1249 MA-COM-OD-S-1249 Datasheet
191Kb / 1P
Package, Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com