Electronic Components Datasheet Search
  English  ▼

X  

IRG4BC30F Datasheet(PDF) 3 Page - International Rectifier

Part # IRG4BC30F
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30F Datasheet(HTML) 3 Page - International Rectifier

  IRG4BC30F Datasheet HTML 1Page - International Rectifier IRG4BC30F Datasheet HTML 2Page - International Rectifier IRG4BC30F Datasheet HTML 3Page - International Rectifier IRG4BC30F Datasheet HTML 4Page - International Rectifier IRG4BC30F Datasheet HTML 5Page - International Rectifier IRG4BC30F Datasheet HTML 6Page - International Rectifier IRG4BC30F Datasheet HTML 7Page - International Rectifier IRG4BC30F Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRG4BC30F
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=IRMS of fundamental; for triangular wave, I=IPK)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
1
10
100
1000
1
10
CE
V
, Collector-to-Emitter Voltage (V)
T = 150°C
T = 25°C
J
J
V
= 15V
20µs PULSE WIDTH
GE
A
1
10
100
1000
56789
1 0
1 1
1 2
1 3
GE
T = 25°C
T = 150°C
J
J
V
, Gate-to-Emitter Voltage (V)
A
V
= 50V
5µs PULSE WIDTH
CC
0
10
20
30
40
50
0.1
1
1 0
1 0 0
f, Frequency (kHz)
A
60 % of ra te d
vo lt a g e
I
Ideal di odes
Sq u are wa ve:
F o r bot h:
D uty cy c le : 5 0%
T = 12 5° C
T
= 90 °C
G a te drive as s pec ified
sin k
J
T ria ng ular wa v e :
I
C lam p v o lt age :
80% of r a t e d
P o w e r D i ss ipatio n = 21 W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com