Electronic Components Datasheet Search
  English  ▼

X  

IRG4BC30FD Datasheet(PDF) 10 Page - International Rectifier

Part # IRG4BC30FD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30FD Datasheet(HTML) 10 Page - International Rectifier

Back Button IRG4BC30FD Datasheet HTML 2Page - International Rectifier IRG4BC30FD Datasheet HTML 3Page - International Rectifier IRG4BC30FD Datasheet HTML 4Page - International Rectifier IRG4BC30FD Datasheet HTML 5Page - International Rectifier IRG4BC30FD Datasheet HTML 6Page - International Rectifier IRG4BC30FD Datasheet HTML 7Page - International Rectifier IRG4BC30FD Datasheet HTML 8Page - International Rectifier IRG4BC30FD Datasheet HTML 9Page - International Rectifier IRG4BC30FD Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRG4BC30FD
10
www.irf.com
Notes:
Repetitive rating: VGE=20V; pulse width limited by maximum junction temperature (figure 20)
‚VCC=80%(VCES), VGE=20V, L=10µH, RG = 23W (figure 19)
ƒPulse width £ 80µs; duty factor £ 0.1%.
„Pulse width 5.0µs, single shot.
Case Outline — TO-220AB
0.55 (.0 22)
0.46 (.0 18)
3 X
2.92 (.115 )
2.64 (.104 )
1.32 (.05 2)
1.22 (.04 8)
- B -
4.69 (.1 85)
4.20 (.1 65)
3.78 (.149 )
3.54 (.139 )
- A -
6 .4 7 (.255)
6 .1 0 (.240)
1.15 (.0 45)
M IN
4.06 (.160)
3.55 (.140)
3 X
3.96 (.16 0)
3.55 (.14 0)
3 X
0.93 (.0 37)
0.69 (.0 27)
0.36 (.014)
M B A M
10.54 (.415)
10.29 (.405)
2.87 (.113)
2.62 (.103)
15.24 (.600)
14.84 (.584)
14.09 (.555)
13.47 (.530)
1.40 (.055)
1.15 (.045)
3 X
2.54 (.100)
2X
1
2
3
4
CO N FO RM S TO JEDEC O UTLINE TO-220AB
D im en sion s in M illim ete rs an d (In ch es )
LEAD ASSIG N ME N T S
1 - G A T E
2 - C O L LE C T O R
3 - E M IT T E R
4 - C O L LE C T O R
N O T ES:
1 DIM E NS IO N S & T O LE R A NCING
P E R A N S I Y 1 4 .5 M , 19 82 .
2 CO NT R O L LIN G DIM E NS IO N : IN CH .
3 D IM E N S IO N S A R E S H O W N
M IL L IM E T E R S (IN C H E S ).
4 CO NF O R M S T O JE DE C O U T LIN E
T O -220 A B .
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936
http://www.irf.com/
Data and specifications subject to change without notice.
12/98



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com