Electronic Components Datasheet Search
  English  ▼

X  

SS8050 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SS8050
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SS8050 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SS8050_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SS8050_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SS8050
NPN Silicon
General Purpose Transistor
26-Oct-2009 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Complimentary to SS8550
Power Dissipation
PCM : 0.3W
Collector Current
ICM : 1.5A
Collector - Base Voltage
V(BR)CBO : 40V
Operating & Storage junction temperature
TJ, TSTG : -55℃ ~ +150℃
MARKING : Y1
MAXIMUM RATINGS (at Ta = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector - Base Voltage
VCBO
40
V
Collector - Emitter Voltage
VCEO
25
V
Emitter - Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
1.5
A
Collector Power Dissapation
PC
0.3
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
℃
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
MAX.
UNIT
Collector-Base Breakdown Voltage
IC =100µA, IE =0
V(BR)CBO
40
V
Collector-Emitter Breakdown Voltage
IC =0.1mA, IB =0
V(BR)CEO
25
V
Emitter-Base Breakdown Voltage
IE =100µA, IC =0
V(BR)EBO
5
V
Collector Cut-Off Current
VCB =40V, IE =0
ICBO
0.1
µA
Collector Cut-Off Current
VCB =20V, IE =0
ICEO
0.1
µA
Emitter Cut-Off Current
VEB =5V, IC =0
IEBO
0.1
µA
VCE =1V, IC =100mA
hFE1
120
400
DC Current Gain
VCE =1V, IC =800mA
hFE2
40
Collector-Emitter Saturation Voltage
IC =800mA, IB =80mA
VCE(sat)
0.5
V
Base-Emitter Saturation Voltage
IC =800mA, IB =80mA
VBE(sat)
1.2
V
Transition Frequency
VCE =10V, IC=50mA,f=30MHz
FT
100
MHz
CLASSIFICATION OF hFE
RANK
L
H
J
RANGE
120-200
200-350
300-400
MARKING
Y1
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3


Similar Part No. - SS8050_15

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8050 BILIN-SS8050_14 Datasheet
162Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - SS8050_15

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com