Electronic Components Datasheet Search
  English  ▼

X  

SS8050T Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SS8050T
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SS8050T Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SS8050T_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SS8050T_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
SS8050T
NPN Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Collector Output Capacitance
Figure 6. Current Gain Bandwidth Product
0
0.4
0.8
1.2
1.6
2.0
0.1
0.2
0.3
0.4
0.5
IB = 3.0mA
IB = 2.5mA
IB = 2.0mA
IB = 1.5mA
IB = 1.0mA
IB = 0.5mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
0.1
1
10
100
1000
1
10
100
1000
VCE = 1V
IC[mA], COLLECTOR CURRENT
0.1
1
10
100
1000
10
100
1000
10000
IC = 10 IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
0.00.2
0.40.60.81.01.2
0.1
1
10
100
VCE = 1V
VBE[V], BASE-EMITTER VOLTAGE
110
100
1
10
100
1000
IE = 0
f = 1MHz
VCB [V], COLLECTOR-BASE VOLTAGE
1
10
100
400
1
10
100
1000
VCE = 10V
IC[mA], COLLECTOR CURRENT
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com