Electronic Components Datasheet Search
  English  ▼

X  

SS8550 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SS8550
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SS8550 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SS8550_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SS8550_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SS8550
PNP Silicon
General Purpose Transistor
01-June-2005 Rev. B
Page 1 of 2
FEATURES
Power dissipation
PCM : 0.3 W
Collector Current
ICM : - 1.5 A
Collector-base voltage
V(BR)CBO : - 40 V
Operating & storage junction temperature
TJ, TSTG : - 55°C ~ + 150°C
ELECTRICAL CHARACTERISTICS at Ta = 25°C
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
Ic = 100μA, IE = 0
BVCEO
-25
-
-
V
Ic = -0.1mA, IB = 0
BVEBO
-5
-
-
V
IE = -100μA, IC = 0
ICBO
-
-
-0.1
μA
VCB = -40 V, IE = 0
ICEO
-
-
-0.1
μA
VCE = -20V, IB = 0
IEBO
-
-
-0.1
μA
VEB = -5V, IC = 0
VCE(sat)
-
-
0.5
V
IC = -800 mA, IB = -80mA
VBE(sat)1
-
-
1.2
V
IC = -800 mA, IB = -80mA
*hFE1
120
-
350
-
VCE= -1V, IC=-100mA
*hFE2
40
-
-
-
VCE = -1V, IC = -800mA
fT
100
-
-
MHz
VCE = -10V, IC = -50mA, f = 30MHz
COB
-
-
20
pF
VCB= -10V, IE=0, f=1MHz
CLASSIFICATION OF hFE(1)
Rank
L
H
J
Range
120 - 200
200-350
300-400
Marking
Y2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
Collector
Base
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3
Collector
3
1
Base
2
Emitter


Similar Part No. - SS8550_15

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8550 BILIN-SS8550_15 Datasheet
185Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - SS8550_15

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com