Electronic Components Datasheet Search
  English  ▼

X  

IRG4BC30SS Datasheet(PDF) 9 Page - International Rectifier

Part # IRG4BC30SS
Description  INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30SS Datasheet(HTML) 9 Page - International Rectifier

  IRG4BC30SS Datasheet HTML 1Page - International Rectifier IRG4BC30SS Datasheet HTML 2Page - International Rectifier IRG4BC30SS Datasheet HTML 3Page - International Rectifier IRG4BC30SS Datasheet HTML 4Page - International Rectifier IRG4BC30SS Datasheet HTML 5Page - International Rectifier IRG4BC30SS Datasheet HTML 6Page - International Rectifier IRG4BC30SS Datasheet HTML 7Page - International Rectifier IRG4BC30SS Datasheet HTML 8Page - International Rectifier IRG4BC30SS Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRG4BC30S-S
www.irf.com
9
D2Pak Tape & Reel Information
3
4
4
TR R
FEED DIRECT IO N
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TR L
FEE D DIRECT IO N
10.90 (.42 9)
10.70 (.42 1)
16 .10 (.63 4)
15 .90 (.62 6)
1.75 (.06 9)
1.25 (.04 9)
1 1.6 0 (.45 7)
1 1.4 0 (.44 9)
15.4 2 (.60 9)
15.2 2 (.60 1)
4.72 (.1 3 6)
4.52 (.1 7 8)
24.30 (.957)
23.90 (.941)
0.3 68 (.01 45 )
0.3 42 (.01 35 )
1.60 (.06 3)
1.50 (.05 9)
13.50 (.532)
12.80 (.504)
330 .00
(14.173)
MAX .
2 7.40 (1.079)
2 3.90 (.941)
60.00 (2.3 62)
MIN .
30.40 (1.197)
M AX.
26 .40 (1.039)
24 .40 (.961)
NO T ES :
1. C OM F OR MS TO EIA-418.
2. C ON TR O LLING DIM ENS IO N: M ILLIM ETER .
3. D IME NSIO N M EAS URE D @ HUB .
4. IN CLUDE S F LAN GE DISTORT ION @ OUTER E DGE.
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com