Electronic Components Datasheet Search
  English  ▼

X  

IRG4BC30UD Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4BC30UD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30UD Datasheet(HTML) 1 Page - International Rectifier

  IRG4BC30UD Datasheet HTML 1Page - International Rectifier IRG4BC30UD Datasheet HTML 2Page - International Rectifier IRG4BC30UD Datasheet HTML 3Page - International Rectifier IRG4BC30UD Datasheet HTML 4Page - International Rectifier IRG4BC30UD Datasheet HTML 5Page - International Rectifier IRG4BC30UD Datasheet HTML 6Page - International Rectifier IRG4BC30UD Datasheet HTML 7Page - International Rectifier IRG4BC30UD Datasheet HTML 8Page - International Rectifier IRG4BC30UD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRG4BC30UD
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
Features
Features
Features
Features
Features
E
G
n-c hannel
C
VCES = 600V
VCE(on) typ.
= 1.95V
@VGE = 15V, IC = 12A
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case - IGBT
------
------
1.2
RθJC
Junction-to-Case - Diode
------
------
2.5
°C/W
RθCS
Case-to-Sink, flat, greased surface
------
0.50
------
RθJA
Junction-to-Ambient, typical socket mount
-----
-----
80
Wt
Weight
------
2 (0.07)
------
g (oz)
Thermal Resistance
UltraFast CoPack IGBT
4/17/00
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
23
IC @ TC = 100°C
Continuous Collector Current
12
ICM
Pulsed Collector Current
Q
92
A
ILM
Clamped Inductive Load Current
R
92
IF @ TC = 100°C
Diode Continuous Forward Current
12
IFM
Diode Maximum Forward Current
92
VGE
Gate-to-Emitter Voltage
± 20
V
PD @ TC = 25°C
Maximum Power Dissipation
100
PD @ TC = 100°C
Maximum Power Dissipation
42
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw.
10 lbf•in (1.1 N•m)
• UltraFast: Optimized for high operating
frequencies 8-40 kHz in hard switching, >200
kHz in resonant mode
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency than
Generation 3
• IGBT co-packaged with HEXFREDTM ultrafast,
ultra-soft-recovery anti-parallel diodes for use in
bridge configurations
• Industry standard TO-220AB package
Benefits
• Generation -4 IGBT's offer highest efficiencies
available
• IGBTs optimized for specific application conditions
• HEXFRED diodes optimized for performance with
IGBTs . Minimized recovery characteristics require
less/no snubbing
• Designed to be a "drop-in" replacement for equivalent
industry-standard Generation 3 IR IGBTs
PD 91453B
W
TO-220AB
www.irf.com
1


Similar Part No. - IRG4BC30UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30UD IRF-IRG4BC30UD Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
IRG4BC30UDPBF IRF-IRG4BC30UDPBF Datasheet
279Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE UltraFast CoPack IGBT
IRG4BC30UDPBF IRF-IRG4BC30UDPBF Datasheet
386Kb / 10P
ULTRA FAST COPACK IGBT
IRG4BC30UDPBF IRF-IRG4BC30UDPBF_15 Datasheet
386Kb / 10P
ULTRA FAST COPACK IGBT
More results

Similar Description - IRG4BC30UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30U IRF-IRG4BC30U Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC30US IRF-IRG4BC30US Datasheet
308Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT(Vces=600V, Vce(on)typ. = 1.95V, @Vge=15V, Ic=12A)
IRG4PC30U IRF-IRG4PC30U Datasheet
145Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4PC30UD IRF-IRG4PC30UD Datasheet
211Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRGBC30UD2 IRF-IRGBC30UD2 Datasheet
413Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=12A)
IRGPC30UD2 IRF-IRGPC30UD2 Datasheet
419Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=12A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com