Electronic Components Datasheet Search
  English  ▼

X  

G4BC30UD Datasheet(PDF) 6 Page - International Rectifier

Part # G4BC30UD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4BC30UD Datasheet(HTML) 6 Page - International Rectifier

Back Button G4BC30UD Datasheet HTML 2Page - International Rectifier G4BC30UD Datasheet HTML 3Page - International Rectifier G4BC30UD Datasheet HTML 4Page - International Rectifier G4BC30UD Datasheet HTML 5Page - International Rectifier G4BC30UD Datasheet HTML 6Page - International Rectifier G4BC30UD Datasheet HTML 7Page - International Rectifier G4BC30UD Datasheet HTML 8Page - International Rectifier G4BC30UD Datasheet HTML 9Page - International Rectifier G4BC30UD Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRG4BC30UD
6
www.irf.com
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
1
10
100
0.4
0.8
1.2
1.6
2.0
2.4
FM
Fo rwa rd V oltage D rop - V
(V )
T = 15 0°C
T = 12 5°C
T =
2 5°C
J
J
J
0.1
1
10
100
1000
1
1 0
100
1000
CE
GE
V
, Collecto r-to-E m itter V oltage (V )
SA FE O PER AT IN G AR EA
V
= 2 0V
T
= 12 5 °C
GE
J
0.0
0.4
0.8
1.2
1.6
2.0
01 0
2 0
3 0
C
I , Collector-to-Em itter Current (A )
A
R
= 23
Ω
T
= 150°C
V
= 480V
V
= 15V
G
J
CC
GE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com