Electronic Components Datasheet Search
  English  ▼

X  

IRG4PC30KD Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4PC30KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC30KD Datasheet(HTML) 1 Page - International Rectifier

  IRG4PC30KD Datasheet HTML 1Page - International Rectifier IRG4PC30KD Datasheet HTML 2Page - International Rectifier IRG4PC30KD Datasheet HTML 3Page - International Rectifier IRG4PC30KD Datasheet HTML 4Page - International Rectifier IRG4PC30KD Datasheet HTML 5Page - International Rectifier IRG4PC30KD Datasheet HTML 6Page - International Rectifier IRG4PC30KD Datasheet HTML 7Page - International Rectifier IRG4PC30KD Datasheet HTML 8Page - International Rectifier IRG4PC30KD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
28
IC @ TC = 100°C
Continuous Collector Current
16
ICM
Pulsed Collector Current
Q
58
A
ILM
Clamped Inductive Load Current
R
58
IF @ TC = 100°C
Diode Continuous Forward Current
12
IFM
Diode Maximum Forward Current
58
tsc
Short Circuit Withstand Time
10
µs
VGE
Gate-to-Emitter Voltage
± 20
V
PD @ TC = 25°C
Maximum Power Dissipation
100
PD @ TC = 100°C
Maximum Power Dissipation
42
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw.
10 lbf•in (1.1 N•m)
IRG4PC30KD
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
E
G
n-ch an nel
C
VCES = 600V
VCE(on) typ. = 2.21V
@VGE = 15V, IC = 16A
Short Circuit Rated
UltraFast IGBT
4/15/2000
PD -91587A
TO-247AC
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case - IGBT
–––
–––
1.2
RθJC
Junction-to-Case - Diode
–––
–––
2.5
°C/W
RθCS
Case-to-Sink, flat, greased surface
–––
0.24
–––
RθJA
Junction-to-Ambient, typical socket mount
–––
–––
40
Wt
Weight
–––
6 (0.21)
–––
g (oz)
Thermal Resistance
Absolute Maximum Ratings
W
Features
Features
Features
Features
Features
• High short circuit rating optimized for motor control,
tsc =10µs, @360V VCE (start), TJ = 125°C,
VGE = 15V
• Combines low conduction losses with high
switching speed
• Tighter parameter distribution and higher efficiency
than previous generations
• IGBT co-packaged with HEXFREDTM ultrafast,
ultrasoft recovery antiparallel diodes
• Latest generation 4 IGBTs offer highest power density
motor controls possible
• HEXFREDTM diodes optimized for performance with IGBTs.
Minimized recovery characteristics reduce noise, EMI and
switching losses
• This part replaces the IRGBC30KD2 and IRGBC30MD2
products
• For hints see design tip 97003
Benefits
www.irf.com
1


Similar Part No. - IRG4PC30KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC30KDPBF IRF-IRG4PC30KDPBF Datasheet
345Kb / 11P
INSULATED GATE BIPOALR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF Datasheet
346Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PC30KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC30K IRF-IRG4BC30K Datasheet
137Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30KD IRF-IRG4BC30KD Datasheet
196Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30KDS IRF-IRG4BC30KDS Datasheet
225Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30KS IRF-IRG4BC30KS Datasheet
161Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4PC30K IRF-IRG4PC30K Datasheet
121Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRGPC30MD2 IRF-IRGPC30MD2 Datasheet
421Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=16A)
IRG4BC30KS IRF-IRG4BC30KS_04 Datasheet
263Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com