Electronic Components Datasheet Search
  English  ▼

X  

UPD16837 Datasheet(PDF) 1 Page - NEC

Part # UPD16837
Description  MONOLITHIC QUAD H BRIDGE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16837 Datasheet(HTML) 1 Page - NEC

  UPD16837 Datasheet HTML 1Page - NEC UPD16837 Datasheet HTML 2Page - NEC UPD16837 Datasheet HTML 3Page - NEC UPD16837 Datasheet HTML 4Page - NEC UPD16837 Datasheet HTML 5Page - NEC UPD16837 Datasheet HTML 6Page - NEC UPD16837 Datasheet HTML 7Page - NEC UPD16837 Datasheet HTML 8Page - NEC UPD16837 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©
1998
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD16837
Document No. S12764EJ1V0DS00 (1st edition)
Date Published January 1998 N CP(K)
Printed in Japan
MONOLITHIC QUAD H BRIDGE DRIVER
The information in this document is subject to change without notice.
DESCRIPTION
The
µPD16837 is a monolithic quad H bridge driver employing power MOS FETs in the output stage. The MOS FETs
in the output stage lower the saturation voltage and power consumption as compared with conventional drivers using bipolar
transistors.
In addition, a low-voltage malfunction prevention circuit is also provided that prevents the IC from malfunctioning when
the supply voltage drops. A 30-pin plastic shrink SOP package is adopted to help create compact and slim application sets.
In the output stage H bridge circuits, two low-ON resistance H bridge circuits for driving actuators, and another two
channels for driving sled motors and loading motors are provided, making the product ideal for applications in CD-ROM
and DVD.
FEATURES
•
Four H bridge circuits employing power MOS FETs
•
High-speed PWM drive: Operating frequency: 120 kHz MAX.
•
Low-voltage malfunction prevention circuit: Operating voltage: 2.5 V (TYP.)
•
30-pin shrink SOP (300 mil)
ORDERING INFORMATION
Part Number
Package
µPD16837GS
30-pin plastic SSOP (300 mil)
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Conditions
Rating
Unit
Control block supply voltage
VDD
–0.5 to +7.0
V
Output block supply voltage
VM
–0.5 to +15
V
Input voltage
VIN
–0.5 to VDD + 0.5
V
H bridge drive currentNote 1
IDR (pulse)
PW
≤ 5 ms, Duty ≤ 30 %
±1.0
A/phase
Power dissipationNote 2
PT
1.25
W
Operating temperature range
TA
0 to 75
°C
Peak junction temperature
TCH (MAX)
150
°C
Storage temperature range
Tstg
–55 to +150
°C
Notes 1. When only one channel operates.
2. When mounted on a glass epoxy board (100 mm
× 100 mm × 1 mm)


Similar Part No. - UPD16837

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16837 RENESAS-UPD16837 Datasheet
295Kb / 16P
MOS INTEGRATED CIRCUIT
1998
UPD16837GS RENESAS-UPD16837GS Datasheet
295Kb / 16P
MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD16837

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16823 NEC-UPD16823 Datasheet
71Kb / 8P
MONOLITHIC H BRIDGE DRIVER
UPD16833A NEC-UPD16833A Datasheet
90Kb / 12P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16835 NEC-UPD16835 Datasheet
196Kb / 32P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16877 NEC-UPD16877 Datasheet
74Kb / 6P
MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16835A NEC-UPD16835A Datasheet
227Kb / 32P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16878 NEC-UPD16878 Datasheet
242Kb / 32P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD168101 NEC-UPD168101 Datasheet
115Kb / 16P
MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16823 RENESAS-PD16823_15 Datasheet
185Kb / 10P
MONOLITHIC H BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com