Electronic Components Datasheet Search
  English  ▼

X  

IRG4PC40 Datasheet(PDF) 5 Page - International Rectifier

Part # IRG4PC40
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.32V, @Vge=15V, Ic=31A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC40 Datasheet(HTML) 5 Page - International Rectifier

  IRG4PC40 Datasheet HTML 1Page - International Rectifier IRG4PC40 Datasheet HTML 2Page - International Rectifier IRG4PC40 Datasheet HTML 3Page - International Rectifier IRG4PC40 Datasheet HTML 4Page - International Rectifier IRG4PC40 Datasheet HTML 5Page - International Rectifier IRG4PC40 Datasheet HTML 6Page - International Rectifier IRG4PC40 Datasheet HTML 7Page - International Rectifier IRG4PC40 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRG4PC40S
www.irf.com
5
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
0
1000
2000
3000
4000
1
1 0
100
CE
V
, C ollector-to-E m itter V o ltag e (V )
A
V
= 0V ,
f = 1M H z
C
= C
+ C
, C
S H O R T E D
C
= C
C
= C
+ C
GE
ie s
g e
g c
c e
re s
g c
o e s
ce
g c
C ies
C res
C oes
0
4
8
12
16
20
0
2 0
4 0
6 0
8 0
100
120
g
Q , T otal G a te C ha rge (nC )
A
V
= 400V
I
= 3 1 A
CE
C
7.3
7.4
7.5
7.6
7.7
7.8
0
1 02 0
3 04 0
5 06 0
G
R
, G ate R esistan ce (
Ω)
A
V
= 480V
V
= 1 5 V
T
= 25 °C
I
= 3 1 A
CC
GE
J
C
1
10
100
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100
120
140
160
R
= 10
Ω
V
= 1 5V
V
= 4 80 V
A
T , Ju nctio n Te m p erature (°C )
J
I
= 6 2 A
I
= 3 1 A
I
= 1 6 A
G
GE
CC
C
C
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com