Electronic Components Datasheet Search
  English  ▼

X  

2951 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2951
Description  210 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2951 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2951 Datasheet HTML 1Page - KR Electronics, Inc. 2951 Datasheet HTML 2Page - KR Electronics, Inc. 2951 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2951, 210 MHz Bandpass, Rev 0, December 5, 2009
KR Electronics, Inc.
KR Electronics part number 2951 is a 210 MHz bandpass filter.
The filter has a minimum 0.5 dB bandwidth of 380 MHz. Other
center frequencies and bandwidths available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 210 MHz Center Frequency
 20 MHz to 400 MHz Passband
 50  Source and Load
 Surface Mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2951

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
29510 BELDEN-29510 Datasheet
255Kb / 3P
VFD 300% Gnd, 3CIG #16 Str TC, XLPO InsPVC Gnd
29510010100 BELDEN-29510010100 Datasheet
255Kb / 3P
VFD 300% Gnd, 3CIG #16 Str TC, XLPO InsPVC Gnd
295100101000 BELDEN-295100101000 Datasheet
255Kb / 3P
VFD 300% Gnd, 3CIG #16 Str TC, XLPO InsPVC Gnd
29510010500 BELDEN-29510010500 Datasheet
255Kb / 3P
VFD 300% Gnd, 3CIG #16 Str TC, XLPO InsPVC Gnd
295100105000 BELDEN-295100105000 Datasheet
255Kb / 3P
VFD 300% Gnd, 3CIG #16 Str TC, XLPO InsPVC Gnd
More results

Similar Description - 2951

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932-S KR-2932-S Datasheet
93Kb / 2P
210 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com