Electronic Components Datasheet Search
  English  ▼

X  

B137101 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B137101
Description  S-Video with Stereo Audio over Cat5-Cat6 Extender Kit, In-Line Transmitter and Receiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B137101 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B137101 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B137101 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S-Video with Stereo Audio over Cat5/Cat6 Extender
Kit, In-Line Transmitter and Receiver
MODEL NUMBER: B137-101
Description
Tripp Lite's B137-101 S-Video + Stereo Audio extender kit comes with both local and remote units, allowing you to place a TV, Projector, etc, up to 700 ft.
away from the source. A 480p (60Hz) S-Video and Stereo Audio signal can be extended up to 500 ft. using 24Awg, Solid Wire UTP cable (Tripp Lite
N202-Series); or, up to 700 ft. using Zero-Skew UTP cable (Tripp Lite P524-01K). Built-in S-Video and Stereo Audio connectors plug directly into the source
and display, without the need for additional cables....no external power required.
Features
Comes with both local and remote units
Built-in S-Video and Stereo Audio connectors plug directly into the source and display, without the need for additional cables
Extends a 480p (60Hz) S-Video and Stereo Audio signal up to 500 ft. using 24Awg, Solid Wire UTP cable (Tripp Lite N202-Series); or, up to 700 ft. using
Zero-Skew UTP cable (Tripp Lite P524-01K)
No external power required
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Display Style
Extender
Model Type
S-Video
Cable Types
CAT5/CAT5E
Highlights
Comes with both local and
remote units
Extends a 480p (60Hz) S-Video
and Stereo Audio signal up to
500 ft. when using 24Awg, Solid
Wire UTP cable (Tripp Lite
N202-Series); or, up to 700 ft.
when using Zero-Skew UTP
cable (Tripp Lite P524-01K)
No external power required
Package Includes
B137-101 S-Video + Stereo
Audio Extender Kit (2pc)
Owner's Manual
1 / 2


Similar Part No. - B137101

ManufacturerPart #DatasheetDescription
logo
Rohm
B1370 ROHM-B1370 Datasheet
42Kb / 1P
Power Transistor(-60V, -3A)
logo
Toshiba Semiconductor
B1375 TOSHIBA-B1375 Datasheet
142Kb / 5P
Silicon PNP Triple Diffused Type
More results

Similar Description - B137101

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P167000 TRIPPLITE-P167000 Datasheet
505Kb / 2P
HDMI over Dual Cat5-Cat6 Extender Wall Plate Kit with Transmitter and Receiver
B136100 TRIPPLITE-B136100 Datasheet
502Kb / 2P
Component Video with Stereo Audio over Cat5-Cat6 Extender, In-Line Remote Receiver
B136100WP1 TRIPPLITE-B136100WP1 Datasheet
498Kb / 2P
Component Video with Stereo Audio over Cat5-Cat6 Extender, Wallplate Remote Receiver
B136101 TRIPPLITE-B136101 Datasheet
476Kb / 2P
Component Video with Stereo Audio over Cat5-Cat6 Extender Kit, In-Line Transmitter and Receiver
B136101WP1 TRIPPLITE-B136101WP1 Datasheet
506Kb / 2P
Component Video with Stereo Audio over Cat5-Cat6 Extender Kit, Wallplate Transmitter and Receiver
B165101 TRIPPLITE-B165101 Datasheet
489Kb / 2P
Serial over Cat5-Cat6 RS232 Extender, Transmitter and Receiver
B136-101-WP-1 TRIPPLITE-B136-101-WP-1 Datasheet
165Kb / 3P
Component Video with Stereo Audio over Cat5/Cat6 Extender Kit, Wallplate Transmitter and Receiver, Up to 700-ft.
B136-101 TRIPPLITE-B136-101 Datasheet
158Kb / 2P
Component Video with Stereo Audio over Cat5/Cat6 Extender Kit, In-Line Transmitter and Receiver, Up to 700-ft.
B136-100 TRIPPLITE-B136-100 Datasheet
166Kb / 2P
Component Video with Stereo Audio over Cat5/Cat6 Extender, In-Line Remote Receiver, Up to 700-ft.
P167-000 TRIPPLITE-P167-000 Datasheet
165Kb / 3P
HDMI over Dual Cat5/Cat6 Extender Wall Plate Kit with Transmitter and Receiver, TAA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com