Electronic Components Datasheet Search
  English  ▼

X  

AN1281 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1281
Description  TS613 AS DRIVER FOR ADSL LINE INTERFACES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1281 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1281 Datasheet HTML 1Page - STMicroelectronics AN1281 Datasheet HTML 2Page - STMicroelectronics AN1281 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AN1281
3/3
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom
© http://www.st.com
By identification of both equations (2) and (3), the
synthesized impedance is, with Rs1=Rs2=Rs:
Unlike the level Vo° required for a passive imped-
ance, Vo° will be smaller than 2Vo in our case. Let
us write Vo°=kVo with k the matching factor vary-
ing between 1 and 2. Assuming that the current
through R3 is negligeable, it comes the following
resistance divider:
After choosing the k factor, Rs will equal to
1/2RL(k-1).
A good impedance matching assumes:
From (4) and (5) it becomes:
By fixing an arbitrary value for R2, (6) gives:
Finally, the values of R2 and R3 allow us to extract
R1 from (1), and it comes:
with GL the required gain.
CAPABILITIES
The table below shows the calculated compo-
nents
for different values of k. In this case
R2=1000
Ω and the gain=16dB. The last column
displays the maximum amplitude level on the line
regarding the TS613 maximum output capabilities
(18Vpp diff.) and a 1:2 line transformer ratio.
MEASUREMENT OF THE POWER
CONSUMPTION IN THE ADSL APPLICATION
Conditions:
Passive impedance matching
Transformer turns ratio: 2
Maximun level required on the line: 12.4Vpp
Maximum output level of the driver: 12.4Vpp
Crest factor: 5.3 (Vp/Vrms)
The TS613 power consumption during emission
on 900 and 4550 meter twisted pair telephone
lines: 360mW
Figure 5 : Equivalent schematic. Ro is the syn-
thesized impedance
Ro
Rs
1
R2
R3
-------
–
----------------- 4
()
,
=
Ro
Vi.Gi
Iout
1/2
RL
Ro
kVoRL
RL
2Rs1
+
---------------------------
=
Ro
1
2
---RL 5
()
,
=
R2
R3
-------
1
2Rs
RL
---------- 6
()
,
–
=
R3
R2
1
2Rs
RL
----------
–
-------------------
=
R1
2R2
21
R2
R3
-------
–


GL
1
–
R2
R3
-------
–
--------------------------------------------------------- 7
()
,
=
GL (gain for the
loaded system)
GL is fixed for the application requirements
GL=Vo/Vi=0.5(1+2R2/R1+R2/R3)/(1-R2/R3)
R1
2R2/[2(1-R2/R3)GL-1-R2/R3]
R2 (=R4)
Abritrary fixed
R3 (=R5)
R2/(1-Rs/0.5RL)
Rs
0.5RL(k-1)
Active matching
k
R1
(
Ω)
R3
(
Ω)
Rs
(
Ω)
TS613 Output
Level to get
12.4Vpp on
the line
(Vpp diff)
Maximum
Line level
(Vpp diff)
1.3
820
1500
3.9
8
27.5
1.4
490
1600
5.1
8.7
25.7
1.5
360
2200
6.2
9.3
25.3
1.6
270
2400
7.5
9.9
23.7
1.7
240
3300
9.1
10.5
22.3
Passive matching
12.4
18



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com