Electronic Components Datasheet Search
  English  ▼

X  

IRG4PC50KD Datasheet(PDF) 9 Page - International Rectifier

Part # IRG4PC50KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.84V, @Vge=15V, Ic=30A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50KD Datasheet(HTML) 9 Page - International Rectifier

Back Button IRG4PC50KD Datasheet HTML 2Page - International Rectifier IRG4PC50KD Datasheet HTML 3Page - International Rectifier IRG4PC50KD Datasheet HTML 4Page - International Rectifier IRG4PC50KD Datasheet HTML 5Page - International Rectifier IRG4PC50KD Datasheet HTML 6Page - International Rectifier IRG4PC50KD Datasheet HTML 7Page - International Rectifier IRG4PC50KD Datasheet HTML 8Page - International Rectifier IRG4PC50KD Datasheet HTML 9Page - International Rectifier IRG4PC50KD Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRG4PC50KD
www.irf.com
9
V g
G A T E SIG N AL
DE V ICE UNDE R T E S T
CU RRE NT D.U.T .
V O L T AGE IN D .U .T .
CU RRE NT IN D1
t0
t1
t2
D.U.T.
V *
c
50V
L
1000V
600 0µ F
100 V
Figure 19. Clamped Inductive Load Test Circuit
Figure 20. Pulsed Collector Current
Test Circuit
RL=
800V
4 X IC @25°C
0 - 800V
Figure 18e. Macro Waveforms for Figure 18a's Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com