Electronic Components Datasheet Search
  English  ▼

X  

AN1534 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1534
Description  TS971 based Electret Condenser Microphone amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1534 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1534 Datasheet HTML 1Page - STMicroelectronics AN1534 Datasheet HTML 2Page - STMicroelectronics AN1534 Datasheet HTML 3Page - STMicroelectronics AN1534 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
This application note explains how to implement
the TS971 as a microphone pre-amplifier for an
Electret Condenser Microphone (ECM). This type
of microphone has one of the best price to perfor-
mance ratio on the market.
Microphone pre-amplifiers are very common in to-
day’s appliances, digital appliances have adopted
and kept the typologies used in analog ones. This
block is helping to interface the microphone to the
A/D converter by buffering, filtering and amplifying
the microphone signal.
1 - DEVICE PRESENTATION
Many low noise amplifiers exist in the market. Old-
ies (but still goodies!) are mainly dual ones like
LM833, MC33078. But few are able to reach low
voltages and are not available in today’s smallest
packages.
The TS97x is a family including single, dual and
quad low-noise operational amplifier. It features
excellent audio characteristics: low distortion
(0.003% THD @ F=1kHz) and a 4nV/sqrt(Hz)
equivalent input noise voltage with a 1/f corner @
100Hz. Thanks to those characteristics, it helps
keeping an optimal Signal to Noise ratio, a critical
point at the entry of the audio amplification chain!
These devices also allows a higher fidelity thanks
to a 4V/
µs Slew Rate and 12 MHz Gain Bandwidth
Product. This enables the amplifier to cope with
quick variations of the input signal well over the
audio bandwidth.
The family is available in compact packages like
SOT23-5 for TS971 or even the thin and rather
compact package like TSSOP for TS972/4. This
allows them to be used in portable and miniature
digital appliances like PDA or Cellular Phones and
also in thin notebook computers.
Table 1: Acoustic Units Reference Table
2 - MICROPHONE CONSIDERATIONS
Preliminary knowledge of Acoustic Intensity (in
Watt/m2), Acoustic Pressure (in Pascal or Pa) and
Sound Pressure Level or SPL (in Decibels or dB)
is important. You can report to table 1 for more in-
formation.
ECM microphones follow more or less the same
characteristics, however Gain and surrounding
components may vary from one model to another.
Acoustic
Intensity
Acoustic
Pressure
Sound
Pressure
Level
Activity
I in W/m
2
p in Pa
SPL in dB
1.E+02
200
140
Ear Damage
130
1.E+00
20
120
110
Night Club, Factory Floor
1.E-02
2
100
90
1.E-04
0.2
80
70
Conversation
1.E-06
0.02
60
50
1.E-08
0.002
40
30
Recording Studio
1.E-10
0.0002
20
10
IREF=
1.E-12
pREF= 0.00002
0
Minimum Level of Audition, Reference Level
)
dB
(
)
I
I
(
Log
10
SPL
REF
×
=
)
dB
(
)
p
p
(
Log
20
SPL
REF
×
=
AN1534
APPLICATION NOTE
TS971 based Electret Condenser Microphone amplifier
June 2002
by R.CITTADINI & F.POULIN


Similar Part No. - AN1534

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1530 STMICROELECTRONICS-AN1530 Datasheet
75Kb / 12P
ACCURATE TIMEBASE FOR LOW-COST ST7 APPLICATIONS WITH INTERNAL RC OSCILLATOR
07-Jan-2002
AN1537 STMICROELECTRONICS-AN1537 Datasheet
306Kb / 18P
A SIMPLE TRICK ENHANCES
May-2003
More results

Similar Description - AN1534

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
ELECTRET CONDENSER MICROPHONE
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
Electret Condenser Microphone
EM6027S SOBERTON-EM6027S Datasheet
399Kb / 5P
Electret Condenser Microphone
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com