Electronic Components Datasheet Search
  English  ▼

X  

B156002 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B156002
Description  2-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 4Kx2K UHD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B156002 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B156002 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B156002 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B156002 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This product is compliant with DisplayPort 1.2. It is backward compatible with most DisplayPort v1.1a
equipment running current graphics drivers, with the feature set being limited to that of your equipment (e.g.
you may be limited to displaying in Clone / Mirror mode only). Compatibility with older graphics cards is not
guaranteed.
2-Port DisplayPort 1.2 Multi-Stream Transport (MST)
Hub, 3840 x 2160 4Kx2K UHD
MODEL NUMBER: B156-002
Description
Get everyone’s attention by broadcasting awesome messages in ultra-high definition video! With Tripp Lite's
B156-002 2-Port Multi-Display Video Splitter/Expander, you can split or expand a single DisplayPort signal into
two separate signals and display them on two DisplayPort monitors using standard DisplayPort cables (Tripp Lite
P580-Series or P583-Series). You can display the same image on each monitor, extend the desktop across
them, or display in video wall mode where monitors are combined to display as one, enlarged monitor. The
B156-002 supports 4Kx2K Ultra-High Definition (UHD) video resolutions up to 3840x2160 (60Hz), 48-bit Deep
Color (16 bits per channel), and is compatible with HDCP, EDID and DDC. It is compliant with DisplayPort v1.2.
It comes with an external power supply and brackets for wall-, rack- or pole-mounting. All mounting hardware is
included. Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases.
Features
Splitting, Extending, Multi-Display
Splits a DisplayPort video signal to simultaneously display the same signal on two DisplayPort monitors, or
expands it across both monitors as in video wall mode
Displays can be placed up to 25 ft. away from the splitter/expander; the video source can be up to 16 ft. away
from the splitter/expander (6 ft. is recommended).
Supports both 4Kx2K (3840x2160 at 60Hz) UHD video and standard 1080p (1920x1080 at 60Hz)
high-definition video
Video Standards and Protocols
Supports up to 48-bit Deep Color (16 bits per channel) and video resolutions up to 4K Ultra High Definition
(UHD), 3840x2160 (60Hz)
Highlights
Compliant with DisplayPort 1.2
Splits or expands a DisplayPort
audio/video signal on two
DisplayPort monitors
Display the same image on each
monitor, extend the desktop
across them, or display in video
wall mode where monitors are
combined to display as one
Supports 4K x 2K Ultra High
Definition (UHD) video
resolutions up to 3840 x 2160 (24
and 30 Hz) - see System
Requirements
Supports up to 48-bit Deep Color
(16 bits per channel)
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
System Requirements
A computer with a DisplayPort
1.2 compatible graphics card.
Backward compatible with most
DisplayPort 1.1a equipment
running current graphics drivers,
with the feature set being limited
to that of your equipment (e.g.
you may be limited to displaying
in Clone / Mirror Mode only).
Compatibility with older graphics
cards is not guaranteed.
Maximum supported video
resolutions and number of
monitors will be dependent upon
your graphics card. Check the
specifications of your graphics
card to determine its capabilities.
A monitor with a DisplayPort port.
Package Includes
B156-002 Multi-Display
1 / 3


Similar Part No. - B156002

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B156002DVI TRIPPLITE-B156002DVI Datasheet
495Kb / 2P
2-Port DisplayPort to DVI Splitter, Multi-display adapter, 3840x1200 at 60Hz
B156002HDMI TRIPPLITE-B156002HDMI Datasheet
509Kb / 2P
2-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 4Kx2K UHD
More results

Similar Description - B156002

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B156002HDMI TRIPPLITE-B156002HDMI Datasheet
509Kb / 2P
2-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 4Kx2K UHD
B155-002-DP-V2 TRIPPLITE-B155-002-DP-V2 Datasheet
500Kb / 3P
2-Port Mini DisplayPort 1.2 to DisplayPort Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B155-003-DP-V2 TRIPPLITE-B155-003-DP-V2 Datasheet
511Kb / 3P
3-Port Mini DisplayPort 1.2 to DisplayPort Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-002-HD-V2 TRIPPLITE-B156-002-HD-V2 Datasheet
498Kb / 3P
2-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-003-HD-V2 TRIPPLITE-B156-003-HD-V2 Datasheet
506Kb / 3P
3-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-003-V2 TRIPPLITE-B156-003-V2 Datasheet
498Kb / 3P
3-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-002-V2 TRIPPLITE-B156-002-V2 Datasheet
521Kb / 3P
2-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-004-HD-V2 TRIPPLITE-B156-004-HD-V2 Datasheet
520Kb / 3P
4-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160
B156-004-V2 TRIPPLITE-B156-004-V2 Datasheet
517Kb / 3P
4-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B155-004-DP-V2 TRIPPLITE-B155-004-DP-V2 Datasheet
512Kb / 3P
4-Port Mini DisplayPort 1.2 to DisplayPort Multi-Stream Transport (MST) Hub, 3840 x 2160 (4Kx 2K) UHD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com