Electronic Components Datasheet Search
  English  ▼

X  

AN2653 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2653 Datasheet HTML 12Page - STMicroelectronics AN2653 Datasheet HTML 13Page - STMicroelectronics AN2653 Datasheet HTML 14Page - STMicroelectronics AN2653 Datasheet HTML 15Page - STMicroelectronics AN2653 Datasheet HTML 16Page - STMicroelectronics AN2653 Datasheet HTML 17Page - STMicroelectronics AN2653 Datasheet HTML 18Page - STMicroelectronics AN2653 Datasheet HTML 19Page - STMicroelectronics AN2653 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Snubber network compensation method
AN2653
16/22
5
Snubber network compensation method
5.1
Theoretical overview
Figure 25 shows another way to stabilize an operational amplifier driving a capacitive load.
The snubber network compensation method consists in adding an RC series circuit
connected between the output and the ground. It is particularly recommended for lower
voltage applications, where the full output swing is needed.
Introducing a second load resistor RSN in the circuit decreases the resistive load, and as a
result, pushes the pole caused by the capacitive load to higher frequencies, from
to
Therefore, stability is increased.
Furthermore, adding a serial capacitor CSN with RSN removes the impact of RSN in DC.
On one hand, CSN must be big enough to consider that its impedance is small compared to
RSN at the frequencies where RSN plays its role of stabilizer.
On the other hand, RSN being very small, CSN must be small enough because when the
frequency increases, the system becomes limited by the current flowing through RSN and
CSN (depending on the output voltage swing).
Therefore, in the following examples, CSN is limited to 100 nF in order to not limit the
frequency range.
Figure 25.
Snubber network schematics
Figure 26.
Snubber network equivalent
schematics for loop gain
calculation
1
2
π
Z
o
R
L
||
()C
L
⋅
------------------------------------------------
1
2
π
Z
o
R
L
R
SN
||
||
()C
L
⋅
---------------------------------------------------------------------
I
V
R
SN
j
C
SNω
--------------
–
--------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com