Electronic Components Datasheet Search
  English  ▼

X  

AN2705 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2705
Description  TSH173 triple video buffer with filter for SD video
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2705 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2705 Datasheet HTML 1Page - STMicroelectronics AN2705 Datasheet HTML 2Page - STMicroelectronics AN2705 Datasheet HTML 3Page - STMicroelectronics AN2705 Datasheet HTML 4Page - STMicroelectronics AN2705 Datasheet HTML 5Page - STMicroelectronics AN2705 Datasheet HTML 6Page - STMicroelectronics AN2705 Datasheet HTML 7Page - STMicroelectronics AN2705 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Evaluation board description
AN2705
4/8
If you connect a system with an input impedance other than 75
Ω to the PCB output, a Π
resistor footprint on the board allows you to match impedances.
For example: you connect a scope with a 50
Ωoutput impedance. To match impedances, you
must add the following resistors: R5=2.2k
Ω, R6=130Ω, R7=82Ω
The output can be AC or DC connected with this configuration.
Figure 5.
TSH173 output impedance matching
Power supply
Correct power supply bypassing is very important for optimizing performance. A 10µF and a
100nF are soldered on the board. This gives good performance. However, you can improve
it by adding a 100µF capacitor in C3 and placing a 560µH coil instead of the zero ohm
resistor in LR1.
Figure 6.
Power supply



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com