Electronic Components Datasheet Search
  English  ▼

X  

2979 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 2979
Description  300 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2979 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  2979 Datasheet HTML 1Page - KR Electronics, Inc. 2979 Datasheet HTML 2Page - KR Electronics, Inc. 2979 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2010, KR Electronics, Inc.
2979, Rev 0, March 25, 2010
KR Electronics 2979
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Surface mount package, metal cover
2.
Dimensions in inches
3.
Max reflow temperature 209° C for 10 sec
4.
If boards are cleaned after installation units must be completely dried
5.
Also available in metal case with SMA connectors
Parameter
Specification
Notes
Filter type
Bandpass
Center Frequency
300 MHz
Insertion Loss
2 dB max
1 dB typical
Rejection at 175 MHz
65 dB min
Rejection at 225 MHz
1 dB max
Rejection at 375 MHz
2 dB max
Rejection at 425 MHz
65 dB min
Source and Load
50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com