Electronic Components Datasheet Search
  English  ▼

X  

2980 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2980
Description  140 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2980 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2980 Datasheet HTML 1Page - KR Electronics, Inc. 2980 Datasheet HTML 2Page - KR Electronics, Inc. 2980 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
© 2010, KR Electronics, Inc.
2980+, Rev 0, April 27, 2010
Effective Passband Amplitude & Group Delay
(1 dB/div & 20 nsec/div)
CH2
S31
LOG
1 dB/
REF 0 dB
Cor
CH4
S31
DEL
20 ns/
REF 0 s
CENTER
140 . 000
000
MHz
SPAN
80 . 000
000
MHz
Cor
Smo
15 May 2010 07:41:50
2
4
KR Electronics
Typical Performance
KR Electronics, Inc.
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com