Electronic Components Datasheet Search
  English  ▼

X  

AN3410 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3410
Description  This application note describes an LED driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3410 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3410 Datasheet HTML 7Page - STMicroelectronics AN3410 Datasheet HTML 8Page - STMicroelectronics AN3410 Datasheet HTML 9Page - STMicroelectronics AN3410 Datasheet HTML 10Page - STMicroelectronics AN3410 Datasheet HTML 11Page - STMicroelectronics AN3410 Datasheet HTML 12Page - STMicroelectronics AN3410 Datasheet HTML 13Page - STMicroelectronics AN3410 Datasheet HTML 14Page - STMicroelectronics AN3410 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AN3410
Circuit description
Doc ID 018890 Rev 1
11/28
To find the value of R21, we first arbitrarily select 25.2 k
Ω for R18. R21’s value is then
Equation 8
Use 1.10 k
Ω.
Now we examine the operating points when the LEDs are at nominal voltage. The peak
voltage at U1's Vff terminal will now be
Equation 9
So at nominal input power (20 W) the average voltage applied to C12 and U2's non-inverting
input is the voltage from R22 plus the divided voltage from R14 and R17:
Equation 10
R12 must be selected to deliver this voltage at U2's inverting input.
The equivalent voltage and resistance presented by U2's 2.50 V output and the R18-R21
divider is:
Equation 11
R12 must bring the voltage on U2's inverting input up to 0.175 V from 1.06 V when the
reflected LED voltage is at its nominal value.
Neglecting diode and R2 drops, the voltage at the top of R12 is the LED voltage times the
turns ratio of L1's auxiliary winding:
Equation 12
R12 must provide enough current to bring the voltage up to 0.175V. The added voltage due
to R12 must be 0.175 V - 0.104 V = 0.071 V.
R12's value is then
Equation 13
We will use 240 k
Ω.
Some trimming may be required to hit the 350 mA * 1.012 target to center the operating
point in the error band.
=1.115 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com