Electronic Components Datasheet Search
  English  ▼

X  

AN4218 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4218
Description  Hardware design guideline
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4218 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4218 Datasheet HTML 10Page - STMicroelectronics AN4218 Datasheet HTML 11Page - STMicroelectronics AN4218 Datasheet HTML 12Page - STMicroelectronics AN4218 Datasheet HTML 13Page - STMicroelectronics AN4218 Datasheet HTML 14Page - STMicroelectronics AN4218 Datasheet HTML 15Page - STMicroelectronics AN4218 Datasheet HTML 16Page - STMicroelectronics AN4218 Datasheet HTML 17Page - STMicroelectronics AN4218 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Good practices of system power supply
AN4218
14/26
DocID024014 Rev 2
During the VBAT drop to 3.2 V, V1 (VDD) goes to 0 V and switches on after VBAT has reached
L99PM62GXP reset threshold. In this case the NRESET output is pulled low and goes to
high 2 ms after V1 has reached the NRESET high threshold.
Conclusion
The steep drop of V1 to 0 V in addition with the fast rising slope of V1 after VBAT has
recovered ensures a correct power-up reset of the microcontroller.
The NRESET output goes low to put the microcontroller into reset condition; it goes to high
after V1 has reached the microcontrollers operating region.
The correct power-down / power-up sequence ensures that the microcontroller is always in
a defined state. This is additionally supported by the NRESET signal.
Supply voltage slow ramp-up
Figure 13. VS voltage ramp up (0.5 V/min)
1.
Line 1 (RESET): NRESET output
Line 2 (V1): microcontroller power supply VDD
Line 4 (VBAT): system power supply (VBAT)
As long as VBAT is below the L99PM62GXP reset threshold, V1 remains at 0 V. After VBAT
has reached the reset threshold of 3.1 V, V1 is switched on with a fast slope. As soon as the
NRESET threshold is reached NRESET goes to high.
Conclusion
The fast slope of V1 above the power-up-reset threshold of the microcontroller ensures a
correct power-up-reset of the microcontroller, depending only on the capacitors at the V1
node and not on the battery voltage slope.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com