Electronic Components Datasheet Search
  English  ▼

X  

AN4300 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4300
Description  Advanced light control and diagnostics using
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4300 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4300 Datasheet HTML 32Page - STMicroelectronics AN4300 Datasheet HTML 33Page - STMicroelectronics AN4300 Datasheet HTML 34Page - STMicroelectronics AN4300 Datasheet HTML 35Page - STMicroelectronics AN4300 Datasheet HTML 36Page - STMicroelectronics AN4300 Datasheet HTML 37Page - STMicroelectronics AN4300 Datasheet HTML 38Page - STMicroelectronics AN4300 Datasheet HTML 39Page - STMicroelectronics AN4300 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
DocID024675 Rev 2
37/40
AN4300
Conclusion
39
5
Conclusion
The SPC56EC74 lighting application example introduces MCU eMIOS, CTU, and ADC
modules usage within a lighting application, which is in this case well suited for the lamp
light bulbs control as well as for the lamp LEDs control with no major change required in the
peripheral’s software.
The benefit of using the CTU module is significant as opposed to using the timer to trigger
ADC at a certain point within a PWM channel cycle. The timer produces frequent interrupts
that need to be processed by the MCU CPU, causing an increase in the CPU load and
suspending run time processes. Using the CTU gives the application designer a powerful
tool to avoid diagnostic timer-configuration challenges and makes the lighting application
simpler to design and test.
The ADC module gives the designer the opportunity to use watchdog threshold interrupts to
increase MCU performance, and enables fast responses in case of lamp light bulb failures.
If required, the number of the ADC channels can be increased from 64 up to 95, using
simple external logic circuitry fully controlled by the ADC module.
The eMIOS module offers up to 64 PWM channels suitable for a lighting application as well
as for other PWM-based applications. The eMIOS module provides PWM channels with
high resolution and flexibility.
The lighting application example consists of an example description and complete software
demonstration based on the SPC56EC74L7 LQFP176 minimodule and EVB.
This example is easily portable to each device of the SPC56xB/Cxx family; for devices
which have DMA module, no particular modifications are required. For devices where DMA
module is missing, the DMA feature can be replaced with interrupt routines but with a higher
CPU load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com