Electronic Components Datasheet Search
  English  ▼

X  

AN4417 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4417
Description  This document provides an overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4417 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4417 Datasheet HTML 12Page - STMicroelectronics AN4417 Datasheet HTML 13Page - STMicroelectronics AN4417 Datasheet HTML 14Page - STMicroelectronics AN4417 Datasheet HTML 15Page - STMicroelectronics AN4417 Datasheet HTML 16Page - STMicroelectronics AN4417 Datasheet HTML 17Page - STMicroelectronics AN4417 Datasheet HTML 18Page - STMicroelectronics AN4417 Datasheet HTML 19Page - STMicroelectronics AN4417 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
SPC564Axx/SPC56ELxx exception cases
AN4417
16/22
DocID025623 Rev 2
3.1.8
User exception handler
Handler has to analyze the following:
•
Type of access, instruction fetch, data read, and data write. Only instruction fetch or
data read access are expected in case of 2b ECC Flash error.
•
Memory range
Memory access must be within area belonging to the Flash memory. User has to know
which part belongs to the code flash and which part belongs to the data flash memory.
3.1.9
Error solving
Flash 2b ECC error can be solved only with erase of the flash sector containing the cell with
2b ECC error. It is usually not done in the exception handler itself, because it takes
significant amount of time.
The decision what to do in case of 2b ECC error is application specific, Whether if to go to
degraded mode or to continue, the case of EEPROM emulation, and to solve the issue later
in the application.
If the decision is to continue, user handler has to request modification of the MCSRR0
register to continue the program flow with next instruction. Otherwise program would be
stuck in the reading of the fault flash address invoking machine checks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com