Electronic Components Datasheet Search
  English  ▼

X  

UPD16856 Datasheet(PDF) 2 Page - NEC

Part # UPD16856
Description  MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16856 Datasheet(HTML) 2 Page - NEC

  UPD16856 Datasheet HTML 1Page - NEC UPD16856 Datasheet HTML 2Page - NEC UPD16856 Datasheet HTML 3Page - NEC UPD16856 Datasheet HTML 4Page - NEC UPD16856 Datasheet HTML 5Page - NEC UPD16856 Datasheet HTML 6Page - NEC UPD16856 Datasheet HTML 7Page - NEC UPD16856 Datasheet HTML 8Page - NEC UPD16856 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
µµµµPD16856
Data Sheet S13447EJ1V0DS00
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
VDD
−0.5 to +6.0
V
Supply voltage
VM
−0.5 to +13.5
V
Input voltage
VIN
−0.5 to VDD + 0.5
V
Instantaneous output current
Note 1
IDR (pulse)
PW
≤ 5 ms, Duty ≤ 30%
±2.0
A/phase
Power consumption
Note 2
PT
1.0
W
Peak channel temperature
TCH (MAX)
150
°C
Storage temperature range
Tstg
−55 to +150
°C
Notes 1. Allowable current per phase while on-board
2. When mounted on glass epoxy board (100 mm
× 100 mm × 1 mm)
RECOMMENDED OPERATING RANGE
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VDD
4.5
5.0
5.5
V
Supply voltage
VM
10.8
12.0
13.2
V
Output current (DC)
IDR (DC)
±0.5
A/Phase
Instantaneous output current
IDR (pulse)
PW
≤ 5 ms, Duty ≤ 10%
±1.5
A/Phase
Hole bias current
IHB
10
15
mA
IND pin output current
IFG
0
±2.5
±5mA
CL pin input voltage
VCL
0.1
0.4
V
Operating temperature
range
TA
−20
75
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com